Electronic Components Datasheet Search
  English  ▼

X  

MH89626C Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH89626C
Description  OPS/DID SLIC Preliminary Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89626C Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH89626C Datasheet HTML 1Page - Mitel Networks Corporation MH89626C Datasheet HTML 2Page - Mitel Networks Corporation MH89626C Datasheet HTML 3Page - Mitel Networks Corporation MH89626C Datasheet HTML 4Page - Mitel Networks Corporation MH89626C Datasheet HTML 5Page - Mitel Networks Corporation MH89626C Datasheet HTML 6Page - Mitel Networks Corporation MH89626C Datasheet HTML 7Page - Mitel Networks Corporation MH89626C Datasheet HTML 8Page - Mitel Networks Corporation MH89626C Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2-286
MH89626C
Preliminary Information
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1TIP
Tip Lead: Connects to the TIP lead of the telephone line.
2
RING
Ring Lead: Connects to the Ring lead of the telephone line.
3RF
Ring Feed.
4TF
Tip Feed.
5
LGND
Loop Ground: Return path for the battery (VBat) supply voltage. Connects to System
Ground.
6VBat
Battery Supply Voltage: Normally -48V.
7RF1
Ring Feed 1: Ringing input.
8RF2
Ring Feed 2: Ringing output.
9VEE
Negative Supply Voltage. (-5V).
10
AGND
Analog Ground: Analog and Digital Ground. Connects to system ground.
11
VDD
Positive Supply Voltage. (+5V).
12
IC
Internal Connection.
13
VAC
Battery AC Component (input). AC noise present in the VBat supply isolated from the DC
components, can be applied to this pin to reduce longitudinal noise on TIP and RING. To
implement this feature, connect a 0.1
µF 100V capacitor from V
Bat to VAC, and 1kΩ resistor
from VAC to AGND. This pin must be tied to AGND when not used.
14
IC
Internal Connection.
15
CS
Chip Select (Input): A TTL compatible digital input to enable the SDi to control all the
functions of the driver.
16
SHK
Switch Hook Detect (Output): A logic low indicates an off-hook condition.
17
LED
LED Drive (Output).: Drives an LED directly through an internal 2.2k
Ω resistor. A logic low
indicates an off-hook condition.
18
LCA
Loop Current Adjust (input): If this pin is left open, the constant current will be set at
23mA. The loop current can be adjusted by connecting a resistor to VEE.
VREF
D1
C2i
Do
F1i
IC
IC
IC
GS
IC
SD7
SD6
SD5
IC
VRLY
RGND
RD2
RD3
RD1
TIP
RING
RF
TF
LPND
VBat
RF1
RF2
VEE
AGND
VDD
IC
VAC
IC
CS
SHK
LED
LCA
SD1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com