Electronic Components Datasheet Search
  English  ▼

X  

MH89726 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MH89726
Description  MT8972 Loop Extender Circuits Advance Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89726 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MH89726 Datasheet HTML 1Page - Mitel Networks Corporation MH89726 Datasheet HTML 2Page - Mitel Networks Corporation MH89726 Datasheet HTML 3Page - Mitel Networks Corporation MH89726 Datasheet HTML 4Page - Mitel Networks Corporation MH89726 Datasheet HTML 5Page - Mitel Networks Corporation MH89726 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
9-130
MH89726/728
Advance Information
Table 1 - Typical Transmission Performance at 160 kbit/s
Table 2 - Typical Transmission Performance at 80 kbit/s
Note 1: The attenuation of the cable as specified by Bell System Technical Reference PUB 62411.
Figure 4 - Typical Application of the Loop Extender
MH89726 (160 kbit/s)
CABLE
CONFIGURATION
24 AWG
(8.0 dB/km at 120 kHz)
26 AWG
(11.5 dB/km at 120 kHz)
DNIC to DNIC
0.0 to 4.1 km
0.0 to 3.0 km
DNIC with LEC to DNIC with LEC
0.65 to 5.1 km
0.5 to 3.6 km
MH89728 (80 kbit/s)
CABLE
CONFIGURATION
24 AWG
(6.9 dB/km at 60 kHz (Note 1)
26 AWG
(10.0 dB/km at 60 kHz)
DNIC to DNIC
0.0 to 5.2 km
0.0 to 3.4 km
DNIC with LEC to DNIC and LEC
0.9 to 6.5 km
0.65 to 4.1 km
LOUT
LIN
1
+5V
21
D1
D2
LEIN
LEOUT1
CA
CB
RA
LOOP
EXTENDER
and
Network
Termination
MT8972
LEOUT2
0.33
µF
1.0
µF
2:1
Twisted Pair
Copper 24-26
Gauge
NOTES:
-D1, D2 IN5817 (Schottky)
-Solid jumpers used to connect the loop extender
-Dotted jumpers connect MT8972 without loop extender
80 kbit/s RA = 390
Ω CA = 22nF CB = 3.3nF
160 kbit/s RA = 390
Ω CA = 22nF CB = 1.5nF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com