Electronic Components Datasheet Search
  English  ▼

X  

MH89728 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MH89728
Description  MT8972 Loop Extender Circuits Advance Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89728 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MH89728 Datasheet HTML 1Page - Mitel Networks Corporation MH89728 Datasheet HTML 2Page - Mitel Networks Corporation MH89728 Datasheet HTML 3Page - Mitel Networks Corporation MH89728 Datasheet HTML 4Page - Mitel Networks Corporation MH89728 Datasheet HTML 5Page - Mitel Networks Corporation MH89728 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
9-131
Advance Information
MH89726/728
Note 1: A single voltage supply of +30V±10% can be used on VDD with VBias grounded through a 0.33 µF capacitor and VSS
grounded.
Note 2: A single voltage supply of -30V±10% can be used on VSS with VBias grounded through a 0.33 µF capacitor and VDD
grounded.
Recommended Operating Conditions
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
+ 15 V Supply
VDD
13.5
15.0
16.5
V
Note 1
2
- 15 V Supply
VSS
-16.5
-15.0
-13.5
V
Note 2
3
Standby Current
IS
3.0
mA
A.C. Electrical Characteristics
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Active Current
IA
7.0
mA
@ 60 kHz for 80 kbit/s
@120 kHz for 160 kbit/s
2TX Gain
ATX
9.0
dB
@ 60 kHz for 80 kbit/s
@120 kHz for160 kbit/s
3
TX Phase Angle
Φ
TX
-170.0
°
@ 60 kHz for 80 kbit/s
@120 kHz for 160 kbit/s
4
RX Gain
ARX
0.0
dB
@ 60 kHz for 80 kbit/s
@120 kHz for160 kbit/s
5
RX Phase Angle
Φ
RX
12.0
°
@ 60 kHz for 80 kbit/s
@120 kHz for160 kbit/s
6
Line Power
10.0
dBm
With 2:1 transformer



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com