Electronic Components Datasheet Search
  English  ▼

X  

MH89790B Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MH89790B
Description  ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface Preliminary Information
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89790B Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MH89790B Datasheet HTML 2Page - Mitel Networks Corporation MH89790B Datasheet HTML 3Page - Mitel Networks Corporation MH89790B Datasheet HTML 4Page - Mitel Networks Corporation MH89790B Datasheet HTML 5Page - Mitel Networks Corporation MH89790B Datasheet HTML 6Page - Mitel Networks Corporation MH89790B Datasheet HTML 7Page - Mitel Networks Corporation MH89790B Datasheet HTML 8Page - Mitel Networks Corporation MH89790B Datasheet HTML 9Page - Mitel Networks Corporation MH89790B Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
4-192
MH89790B
Preliminary Information
Figure 6 - ST-BUS Stream Format
CHANNEL
31
030
BIT
CHANNEL
CHANNEL
CHANNEL
CHANNEL
31
0
BIT
BIT
BIT
BIT
BIT
BIT
BIT
• • •
Least
Significant
Bit (Last)
Most
Significant
Bit (First)
(8/2.048)
µs
125
µs
76
5
4
3
2
1
0
Data Input (DSTi)
The MH89790B receives information channels on
the DSTi pin. Of the 32 available channels on this
serial input, 30 are defined as information channels.
They are channels 1-15 and 17-31. These 30
timeslots are the 30 telephone channels of the CEPT
format numbered 1-15 and 16-30.
Timeslot
0
and
16
are
unused
to
allow
the
synchronization and signalling information to be
inserted, from the Control Streams (CSTi0 and
CSTi1). The relationship between the input and
output ST-BUS
stream and
the CEPT line is
illustrated in Figures 7 to 11.
In common channel
signalling mode timeslot 16 becomes an active
channel.
In this mode channel 16 on DSTi is
transmitted
on
timeslot
16
of
the
CEPT
link
unaltered. This mode is activated by bit 5 of channel
31 of CSTi0.
Control Input 0 (CSTi0)
All the necessary control and signalling information
is input through the two control streams. Control
ST-BUS input number 0 (CSTi0) contains the control
information that is associated with each information
channel. Each control channel contains the per
channel digital attenuation information, the individual
Table 2. Per Channel Control Word: Data Format for CSTi0 Channels 0-14, and 16-30
BIT
NAME
DESCRIPTION
7
DATA
Data Channel: If ‘1‘, then the controlled timeslot on the CEPT 2048 kbit/s link is treated as a
data channel; i.e., no ADI encoding or decoding is performed on transmission or reception,
and digital attenuation is disabled.
If ‘0‘, then the state of the ADI pin determines whether or
not ADI encoding and decoding is performed.
6
LOOP
Per-Channel Loopback: If ‘1‘, then the controlled timeslot on the transmitted CEPT 2048
kbit/s link is looped internally to replace the data on the corresponding received timeslot. If
‘0‘, then this function is disabled. This function only operates if frame synchronization is
received from the CEPT link. If more than one channel is looped per frame only the first one
will be active.
5,4,3
RXPAD4,2,1
Receive Attenuation Pad: Per timeslot receive attenuation control bits.
RXPAD4
0
0
0
0
1
1
1
1
RXPAD2
0
0
1
1
0
0
1
1
RXPAD1
0
1
0
1
0
1
0
1
Gain (dB)
0
-1
-2
-3
-4
-5
-6
1
2,1,0
TXPAD4,2,1
Transmit Attenuation Pad: Per timeslot transmit attenuation control bits.
TXPAD4
0
0
0
0
1
1
1
1
TXPAD2
0
0
1
1
0
0
1
1
TXPAD1
0
0
1
0
1
0
1
0
Gain (dB)
0
-1
-2
-3
-4
-5
-6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com