Electronic Components Datasheet Search
  English  ▼

X  

MH89770S Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MH89770S
Description  T1/ESF Framer & Interface Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770S Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MH89770S Datasheet HTML 1Page - Mitel Networks Corporation MH89770S Datasheet HTML 2Page - Mitel Networks Corporation MH89770S Datasheet HTML 3Page - Mitel Networks Corporation MH89770S Datasheet HTML 4Page - Mitel Networks Corporation MH89770S Datasheet HTML 5Page - Mitel Networks Corporation MH89770S Datasheet HTML 6Page - Mitel Networks Corporation MH89770S Datasheet HTML 7Page - Mitel Networks Corporation MH89770S Datasheet HTML 8Page - Mitel Networks Corporation MH89770S Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Preliminary Information
MH89770
4-129
Functional Description
The MH89770 is a thick film hybrid solution for a T1
interface.
All
of
the
formatting
and
signalling
insertion and detection is done by the device.
Various programmable options in the device include:
ESF, D3/D4 or SLC-96 mode, common channel or
robbed bit signalling, zero code suppression, alarms,
and local and remote loopback. The MH89770 also
has built in bipolar line drivers and receivers and a
clock extraction circuit.
All data and control information is communicated to
the
MH89770
via
2048
kbit/s
serial
streams
conforming to Mitel’s ST-BUS format.
The ST-BUS is a TDM serial bus that operates at
2048 kbits/s. The serial streams are divided into 125
µsec frames that are made up of 32 8-bit channels. A
serial stream that is made up of these 32 8 bit
channels is known as an ST-BUS stream, and one of
these 64 kbit/s channels is known as an ST-BUS
channel.
The system side of the MH89770 is made up of
ST-BUS inputs and outputs, i.e., control inputs and
outputs
(CSTi/o)
and
data
inputs and
outputs
(DSTi/o). These signals are functionally represented
in Figure 32. The DS1 line side of the device is made
up of split phase inputs (RxT, RxR) and outputs
(OUTA, OUTB) which can
be
connected
to
line
coupling transformers. Functional
transmit
and
receive timing is shown in Figures 33 and 34.
Data for transmission on the DS1 line is clocked
serially into the device at the DSTi pin. The DSTi pin
accepts a 32 channel time division multiplexed
ST-BUS stream. Data is clocked in with the falling
edge of the C2i clock. ST-BUS frame boundaries are
defined by the frame pulse applied at the F0i pin.
Only 24 of the available 32 channels on the ST-BUS
serial stream are actually transmitted on the DS1
side. The unused 8 channels are ignored by the
device.
Data received from the DS1 line is clocked out of the
device in a similar manner at the DSTo pin. Data is
clocked out on the rising edge of the C2i clock. Only
24 of the 32 channels output by the device contain
the information from the DS1 line. The DSTo pin is,
however, actively driven during the unused channel
timeslots. Figure
3
shows
the
correspondence
between
the
DS1
channels
and
the
ST-BUS
channels.
All
control
and
monitoring
of
the
device
is
accomplished through two ST-BUS serial control
inputs and one serial control output. Control ST-BUS
input number 0 (CSTi0) accepts an ST-BUS serial
stream which contains the 24 per channel control
words and two master control words. The per channel
control words relate directly to the 24 information
channels output on the DS1 side. The master control
words affect operation of the whole device. Control
ST-BUS input number 1 (CSTi1) accepts an ST-BUS
stream containing the A, B, C and D signalling bits.
The relationship between the CSTi channels and the
controlled DS0 channels is shown in Figure 3. Status
and signalling information is received from the device
via the control ST-BUS output (CSTo). This serial
output stream contains two master status words, 24
per channel status words and one Phase Status
Word. Figure 3 shows the correspondence between
the received DS1 channels and the status words.
Detailed information on the operation of the control
interface is presented below.
Programmable Features
The main features in the device are programmed
through two master control words which occupy
channels 15 and 31 in Control ST-BUS input stream
number 0 (CSTi0). These two eight bit words are
used to:
•
Select the different operating modes of the
device ESF, D3/D4 or SLC-96.
•
Activate the features that are needed in a
certain application; common channel signalling,
zero code suppression, signalling debounce,
etc.
•
Turn on in service alarms, diagnostic loop
arounds, and the external control function
Tables 1 and 2 contain a complete explanation of the
function of the different bits in Master Control Words
1 and 2.
Major Operating Modes
The major operating modes of the device are
enabled by bits 2 and 4 of Master Control Word 2.
The Extended Superframe (ESF) mode is enabled
when bit 4 is set high.
Bit 2 has no effect in this
mode.
The ESF mode enables the transmission of
the S bit pattern shown in Table 3. This includes the
frame/superframe
pattern, the
CRC-6,
and
the
Facility Data Link (FDL). The device generates the
frame/multiframe pattern and calculates the CRC for
each superframe. The data clocked into the device
on the TxFDL pin is incorporated into the FDL. ESF
mode will also insert A, B, C and D signalling bits into
the 24 frame multiframe. The DS1 frame begins after



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com