Electronic Components Datasheet Search
  English  ▼

X  

MH89793 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MH89793
Description  E1 Transceiver with Selectable Impedance Preliminary Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89793 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MH89793 Datasheet HTML 1Page - Mitel Networks Corporation MH89793 Datasheet HTML 2Page - Mitel Networks Corporation MH89793 Datasheet HTML 3Page - Mitel Networks Corporation MH89793 Datasheet HTML 4Page - Mitel Networks Corporation MH89793 Datasheet HTML 5Page - Mitel Networks Corporation MH89793 Datasheet HTML 6Page - Mitel Networks Corporation MH89793 Datasheet HTML 7Page - Mitel Networks Corporation MH89793 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-231
Preliminary Information
MH89793
16
TXB
Transmit B (Input). A unipolar signal from the framer device used in conjunction with TXA
is used to generate the bipolar output signal.
17
NC
No Connection. This pin is used for internal connection.
18
NC
No Connection. This pin is used for internal connection.
19
NC
No Connection. This pin is used for internal connection.
20
VDD
D.C. Power (Input). +5V supply.
21
E2o
2048kHz Extraction Clock (Output). This clock is extracted by the device from the
received signal. It is used internally to clock in data received from RLA and RLB.
22
RXB
Receive B (Output). This pin is connected to the negative receive pin of the framer and
provides a signal of the same format as RXA.
23
RXA
Receiver A (Output). The bipolar CEPT signal received by the device at RLA and RLB
input is converted to a unipolar format and output at this pin. This pin is connected to the
positive receive pin of the framer.
24
VSS
Ground (Input). D.C. power return path.
25
LOS
Loss of Signal (Output). This pin goes low when 128 contiguous zeros are received on
the RLA and RLB inputs. LOS is reset when 64 ones are received in dual E1 frame periods.
26
NC
No Connection. This pin is used for internal connection.
27
RZA
Receive Impedance Select. This pin is connected to pin 17 RZB to select 75
Ω input
impedance. For 120
Ω operation this pin is left open circuit.
28
RZB
Receive Impedance Select. This pin is connected to pin 16 RZA to select 75
Ω input
impedance. For 120
Ω operation this pin is left open circuit.
Pin Description (Continued)
Pin #
Name
Description
Functional Description
The MH89793 is an E1 digital trunk interface which
when used with an approved framer will conform to
CCITT recommendation G.703 for PCM30 and I.431
for the ISDN. The functions provided include line
driver
and
receiver circuitry, inductorless
clock
recovery, and loss of signal indication.
Bipolar Line Receiver
The MH89793 receiver interfaces to the transmission
line through an internal pulse transformer which
splits the received AMI lines signal into RxA and
RxB. The line impedance is selected by linking
appropriate option pins.
Attenuation of the transmission line shall not exceed
6dB (at 1024kHz) and attenuation characteristics
shall be close to the “square root of f”.
Af (dB) = AFref (dB)*
√f
fref
Where:
AF - attenuation at frequency f in dB
AFref - attenuation at frequency fref in dB (in kHz)
fref - reference frequency (in this case 1024) kHz
f - frequency in kHz
Bipolar Line Transmitter
The
MH89793
transmitter
interfaces
to
the
transmission
line
through
an
internal
pulse
transformer which combines the TxA and TxB data
into an AMI line coded signal. This is then passed
through the 6dB pad prior to being applied to the
line.
Clock Extractor
The MH89793 contains a clock extraction circuit that
generates the E2o clock from the received data
without the use of external crystals or a tunable
inductor.
The edge of the E2o extracted clock approximately
aligns with the centre of the received data pulse.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com