Electronic Components Datasheet Search
  English  ▼

X  

34VL070 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 34VL070
Description  NEMA 34 Planetary Gearhead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

34VL070 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  34VL070 Datasheet HTML 1Page - List of Unclassifed Manufacturers 34VL070 Datasheet HTML 2Page - List of Unclassifed Manufacturers 34VL070 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Datasheet
www.Applied-Motion.com
34VL070
NEMA 34 Planetary Gearhead
1pc. - 796.00
50pc. - 796.00
Product Features
Normally available in 48 hours – see Description
below for details
True planetary design
Compact design
Sealed ball bearings
Heat treated gears
High efficiency design
AGMA gear quality
Other ratios available in 2-4 week lead time: 20, 28,
40, 50, 100
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
Part Number:
34VL070
Frame Size:
NEMA 34
Ratio:
70:1
Torque, Nominal:
706 in-lb
Torque, Max Accel:
889 in-lb
Length:
4.26 inches
Weight:
6.0 lbs
The 34VL070 planetary gearhead offers true planetary performance at an excellent price. High strength, heated
treated gears provide for efficient transmission of torque and accurate speed matching.
Additional mounting hardware is required to mount this gearhead to any of the following motors:
Stepper motors HT34-504, HT34-505, and HT34-506. Servo motors M0750-102-5-000, M0750-152-5-000, M0600-
102-5-000, M0600-152-5-000, and all N series NEMA 34 servo motors with model format of Nxxx-xxx-C-xxx.
Please note that the charge for the adaptor is $150 and lead time will be extended by 2-4 weeks.
Additional hardware is also required for the HT34-487, HT34-490, and HT34-497 stepper motors, which will extend
the lead time to 2-4 weeks. An additional charge will apply for any VL series gearhead chosen for use with one of
these motors.
Description
Specifications


Similar Part No. - 34VL070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34VL004 ETC2-34VL004 Datasheet
85Kb / 2P
NEMA 34 Planetary Gearhead
34VL005 ETC2-34VL005 Datasheet
122Kb / 3P
NEMA 34 Planetary Gearhead
34VL007 ETC2-34VL007 Datasheet
85Kb / 2P
NEMA 34 Planetary Gearhead
34VL010 ETC2-34VL010 Datasheet
102Kb / 3P
NEMA 34 Planetary Gearhead
34VL015 ETC2-34VL015 Datasheet
102Kb / 3P
NEMA 34 Planetary Gearhead
More results

Similar Description - 34VL070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34PL003 ETC2-34PL003 Datasheet
82Kb / 2P
NEMA 34 Planetary Gearhead
34PL055 ETC2-34PL055 Datasheet
83Kb / 2P
NEMA 34 Planetary Gearhead
34PL070 ETC2-34PL070 Datasheet
103Kb / 3P
NEMA 34 Planetary Gearhead
34PN005.5 ETC2-34PN005.5 Datasheet
87Kb / 2P
NEMA 34 Planetary Gearhead
34PN028 ETC2-34PN028 Datasheet
88Kb / 2P
NEMA 34 Planetary Gearhead
34PN100 ETC2-34PN100 Datasheet
88Kb / 2P
NEMA 34 Planetary Gearhead
34VL005 ETC2-34VL005 Datasheet
122Kb / 3P
NEMA 34 Planetary Gearhead
34VL007 ETC2-34VL007 Datasheet
85Kb / 2P
NEMA 34 Planetary Gearhead
34VL040 ETC2-34VL040 Datasheet
85Kb / 2P
NEMA 34 Planetary Gearhead
34VL100 ETC2-34VL100 Datasheet
85Kb / 2P
NEMA 34 Planetary Gearhead
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com