Electronic Components Datasheet Search
  English  ▼

X  

40PM010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 40PM010
Description  40 mm Planetary Gearhead
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

40PM010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  40PM010 Datasheet HTML 1Page - List of Unclassifed Manufacturers 40PM010 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Datasheet
www.Applied-Motion.com
40PM010
40 mm Planetary Gearhead
1pc. - 690.00
50pc. - 690.00
Product Features
Available in 48 hour lead time
High radial and axial shaft loading capacity
True planetary design
Low start-up torque
High torque capability
Compact design
Popular metric output shaft and front bracket
design
Rigid stepped output shaft design with metric key
and threaded mounting hole
Metric and NEMA motor mounting available
Other ratios available in 2-4 week lead time: 3, 4, 5,
5.5, 7
Applied Motion Products, Inc.
404 Westridge Dr.
Watsonville, CA 95076, USA
1-800-525-1609
Tel (831) 761-6555
Fax (831) 761-
6544
The 40PM010 planetary gearhead offers true planetary performance in a high torque, low backlash design with
excellent shaft loading characteristics.
Primetric Planetary gearheads are offered as standard to fit NEMA motor flanges. They can be machined to mount
to almost any motor. Please supply the drawing of your motor when ordering.
Description


Similar Part No. - 40PM010

ManufacturerPart #DatasheetDescription
logo
AG Electronica
40P AGELECTRONICA-40P Datasheet
374Kb / 2P
BASE DOBLE CONTACTO PARA CI 40 PINES
04/01/2019
40P AGELECTRONICA-40P Datasheet
375Kb / 2P
BASE DOBLE CONTACTO PARA CI 24 PINES
04/01/2019
40P AGELECTRONICA-40P Datasheet
375Kb / 2P
BASE DOBLE CONTACTO PARA CI 28 PINES
04/01/2019
40P AGELECTRONICA-40P Datasheet
358Kb / 2P
BASE DOBLE CONTACTO PARA CI 42 PINES
04/01/2019
logo
JST Mfg. Co., Ltd.
40P-JMDSS-G-1-TF JST-40P-JMDSS-G-1-TF Datasheet
284Kb / 3P
Board-to-board connectors
More results

Similar Description - 40PM010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1232001 ETC2-1232001 Datasheet
54Kb / 4P
Planetary Gearhead - P32H
17PL005.5 ETC2-17PL005.5 Datasheet
83Kb / 2P
NEMA 17 Planetary Gearhead
17PL005 ETC2-17PL005 Datasheet
83Kb / 2P
NEMA 17 Planetary Gearhead
17PL022 ETC2-17PL022 Datasheet
83Kb / 2P
NEMA 17 Planetary Gearhead
17PL040 ETC2-17PL040 Datasheet
83Kb / 2P
NEMA 17 Planetary Gearhead
17PN016 ETC2-17PN016 Datasheet
87Kb / 2P
NEMA 17 Planetary Gearhead
17PN022 ETC2-17PN022 Datasheet
85Kb / 2P
NEMA 17 Planetary Gearhead
17VL007 ETC2-17VL007 Datasheet
83Kb / 2P
NEMA 17 Planetary Gearhead
60PM010 ETC2-60PM010 Datasheet
86Kb / 2P
60 mm Planetary Gearhead
75PM010 ETC2-75PM010 Datasheet
86Kb / 2P
75 mm Planetary Gearhead
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com