Electronic Components Datasheet Search
  English  ▼

X  

MT093AC Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT093AC
Description  ISO-CMOS 8 x 12 Analog Switch Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT093AC Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT093AC Datasheet HTML 1Page - Mitel Networks Corporation MT093AC Datasheet HTML 2Page - Mitel Networks Corporation MT093AC Datasheet HTML 3Page - Mitel Networks Corporation MT093AC Datasheet HTML 4Page - Mitel Networks Corporation MT093AC Datasheet HTML 5Page - Mitel Networks Corporation MT093AC Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3-65
®
Features
•
Internal control latches and address decoder
•
Short set-up and hold times
•
Wide operating voltage: 4.5V to 14.5V
•
3.5Vpp analog signal capability
•RON 65Ω max. @ VDD=14V, 25°C
•
∆R
ON ≤ 10Ω @ VDD=14V, 25°C
•
Full CMOS switch for low distortion
•
Minimum feedthrough and crosstalk
•
Low power consumption ISO-CMOS technology
Applications
•
PBX systems
•
Mobile radio
•
Test equipment /instrumentation
•
Analog/digital multiplexers
•
Audio/Video switching
Description
The Mitel MT093 is fabricated in MITEL’s ISO-CMOS
technology providing low power dissipation and high
reliability. The device contains a 8×12 array of
crosspoint switches along with a 7 to 96 line decoder
and latch circuits. Any one of the 96 switches can be
addressed by selecting the appropriate seven input
bits. The selected switch can be turned on or off by
applying a logical one or zero to the DATA input.
Ordering Information
MT093AC
40 Pin Ceramic DIP
MT093AE
40 Pin Plastic DIP
MT093AP
44 Pin PLCC
0° to 70°C
Figure 1 - Functional Block Diagram
7 to 96
Decoder
Latches
8 x 12
Switch
Array
STROBE
DATA RESET
VDD
VSS
Xi I/O
(i=0-11)
Yi I/O (i=0-7)
11
96
96
• • • • • • • • • • • • • • • • • • •
AX0
AX1
AY0
AY1
AY2
AX2
AX3
ISSUE 1
January 1990
MT093
8 x 12 Analog Switch Array
ISO-CMOS


Similar Part No. - MT093AC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT093AE ZARLINK-MT093AE Datasheet
525Kb / 9P
8 x 12 Analog Switch Array
MT093AP ZARLINK-MT093AP Datasheet
525Kb / 9P
8 x 12 Analog Switch Array
More results

Similar Description - MT093AC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
CMOS 8 x 4 Analog Switch Array
MT8806 MITEL-MT8806 Datasheet
55Kb / 6P
ISO-CMOS 8 x 4 Analog Switch Array
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
MT8809 MITEL-MT8809 Datasheet
55Kb / 6P
ISO-CMOS 8 x 8 Analog Switch Array
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8815 MITEL-MT8815 Datasheet
56Kb / 6P
ISO-CMOS 8 x 12 Analog Switch Array
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
ISO-CMOS 8 x 16 Analog Switch Array
logo
Zarlink Semiconductor I...
MT093 ZARLINK-MT093 Datasheet
525Kb / 9P
8 x 12 Analog Switch Array
MT8816 ZARLINK-MT8816 Datasheet
325Kb / 12P
ISO-CMOS 8 x 16 Analog Switch Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com