Electronic Components Datasheet Search
  English  ▼

X  

MT8804AE Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8804AE
Description  CMOS 8 x 4 Analog Switch Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8804AE Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8804AE Datasheet HTML 1Page - Mitel Networks Corporation MT8804AE Datasheet HTML 2Page - Mitel Networks Corporation MT8804AE Datasheet HTML 3Page - Mitel Networks Corporation MT8804AE Datasheet HTML 4Page - Mitel Networks Corporation MT8804AE Datasheet HTML 5Page - Mitel Networks Corporation MT8804AE Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MT8804A CMOS
3-4
Figure 2 - Pin Connections
* Plastic DIP and CERDIP only
Pin Description
Pin #*
Name
Description
1-3
L2-L0
L2-L0 Analog Lines (Inputs/Outputs): these are connected to the L2-L0 columns of the
switch array.
4D0
D0 Data (Input): Active High.
5J0
J0 Analog Junctor (Input/Output): this is connected to the J0 row of the switch array.
6DI
DI Data (Input). Active High.
7J1
J1 Analog Junctor (Input/Output): this is connected to the J1 row of the switch array.
8D2
D2 Data (Input): Active High.
9J2
J2 Analog Junctor (Input/Output): this is connected to the J2 row of the switch array.
10
D3
D3 Data (Input): Active High.
11
J3
J3 Analog Junctor (Input/Output): this is connected to the J3 row of the switch array.
12
VSS
Digital Ground Reference.
13
VEE
Negative Power Supply.
14-16
A0-A2
A0-A2 Address Lines (Inputs).
17
AE
Address Enable/Strobe (Input): enables function selected by address and data. Address
must be stable before AE goes high and D0-D3 must be stable on the falling edge of the
AE. Active High.
18
MR
Master RESET (Input): this is used to turn off all switches. Active High.
19-23
L7-L3
L7-L3 Analog Lines (Inputs/Outputs): these are connected to the L7-L3 columns of the
switch array.
24
VDD
Positive Power Supply.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
L2
L1
L0
D0
J0
D1
J1
D2
J2
D3
J3
VSS
VDD
L3
L4
L5
L6
L7
MR
AE
A2
A1
A0
VEE
28 PIN PLCC
24 PIN CERDIP/PLASTIC DIP
5
6
7
8
9
10
11
25
24
23
22
21
20
19
•
L5
L6
L7
MR
AE
A2
NC
NC
D0
J0
D1
J1
D2
J2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com