Electronic Components Datasheet Search
  English  ▼

X  

MT8804 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT8804
Description  CMOS 8 x 4 Analog Switch Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8804 Datasheet(HTML) 6 Page - Mitel Networks Corporation

  MT8804 Datasheet HTML 1Page - Mitel Networks Corporation MT8804 Datasheet HTML 2Page - Mitel Networks Corporation MT8804 Datasheet HTML 3Page - Mitel Networks Corporation MT8804 Datasheet HTML 4Page - Mitel Networks Corporation MT8804 Datasheet HTML 5Page - Mitel Networks Corporation MT8804 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MT8804A CMOS
3-8
Figure 6 - Control Memory Timing Diagram
Table 1 - Address Decode Truth Table
NOTES:
0 - Low Logic Level
1 - High Logic Level
X - Don’t Care Condition
+ - Indicates Connection Between Junctor and Addressed Line
• - Indicates No Connection Between Junctor and Addressed Line
Memory
Reset
MR
Address
Enable
AE
Address
Addressed
Line
Input Data To Control
Memory
Junctors Connected To
Addressed Line
A2
A1
A0
D3
D2
D1
D0
J3
J2
J1
J0
1
X
X
X
X
ALL
X
X
X
X
All Switches "OFF"
0
0
X
X
X
NONE
X
X
X
X
No Change of State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
L0
L0
L0
L0
L0
L0
L0
L0
L0
L0
L0
L0
L0
L0
L0
L0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
•
•
•
•
•
•
•
•
+
+
+
+
+
+
+
+
•
•
•
•
+
+
+
+
•
•
•
•
+
+
+
+
•
•
+
+
•
•
+
+
•
•
+
+
•
•
+
+
•
+
•
+
•
+
•
+
•
+
•
+
•
+
•
+
0
↓
0
1
↓
1
0
↓
0
0
↓
0
1
↓
1
L1
↓
L1
0
↓
1
0
↓
1
0
↓
1
0
↓
1
•
↓
+
•
↓
+
•
↓
+
•
↓
+
0
↓
0
1
↓
1
0
↓
0
1
↓
1
0
↓
0
L2
↓
L2
0
↓
1
0
↓
1
0
↓
1
0
↓
1
•
↓
+
•
↓
+
•
↓
+
•
↓
+
0
↓
0
1
↓
1
0
↓
0
1
↓
1
1
↓
1
L3
↓
L3
0
↓
1
0
↓
1
0
↓
1
0
↓
1
•
↓
+
•
↓
+
•
↓
+
•
↓
+
0
↓
0
1
↓
1
1
↓
1
0
↓
0
0
↓
0
L4
↓
L4
0
↓
1
0
↓
1
0
↓
1
0
↓
1
•
↓
+
•
↓
+
•
↓
+
•
↓
+
0
↓
0
1
↓
1
1
↓
1
0
↓
0
1
↓
1
L5
↓
L5
0
↓
1
0
↓
1
0
↓
1
0
↓
1
•
↓
+
•
↓
+
•
↓
+
•
↓
+
0
↓
0
1
↓
1
1
↓
1
1
↓
1
0
↓
0
L6
↓
L6
0
↓
1
0
↓
1
0
↓
1
0
↓
1
•
↓
+
•
↓
+
•
↓
+
•
↓
+
0
↓
0
1
↓
1
1
↓
1
1
↓
1
1
↓
1
L7
↓
L7
0
↓
1
0
↓
1
0
↓
1
0
↓
1
•
↓
+
•
↓
+
•
↓
+
•
↓
+
tAEW
tAS
tDH
tPLH/tPHL
tPAE
tMR
tMRR
tPLH/tPHL
tDS
tAH
50%
50%
50%
50%
50%
50%
50%
50%
50%
MR
AE
ADDRESS
D0-D3
SWITCH
ON
OFF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com