Electronic Components Datasheet Search
  English  ▼

X  

MT8809AE Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8809AE
Description  ISO-CMOS 8 x 8 Analog Switch Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8809AE Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8809AE Datasheet HTML 1Page - Mitel Networks Corporation MT8809AE Datasheet HTML 2Page - Mitel Networks Corporation MT8809AE Datasheet HTML 3Page - Mitel Networks Corporation MT8809AE Datasheet HTML 4Page - Mitel Networks Corporation MT8809AE Datasheet HTML 5Page - Mitel Networks Corporation MT8809AE Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MT8809 ISO-CMOS
3-22
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1AY2
AY2 Address Line (Input).
2
STROBE STROBE (Input): enables function selected by address and data. Address must be stable
before STROBE goes low and DATA must be stable on the rising edge of STROBE.
Active Low.
3CS
Chip Select (Input): this is used to select the device. Active Low.
4DATA
DATA (Input): a logic high input will turn on the selected switch and a logic low will turn off
the selected switch. Active High.
5VSS
Ground Reference.
6-9
X0, X2,
X4, X6
X0, X2, X4 and X6 Analog (Inputs/Outputs): these are connected to the X0, X2, X4 and
X6 rows of the switch array.
10
RESET
Master RESET (Input): this is used to turn off all switches regardless of the condition of
CS. A 100k
Ω internal pull-up resistor is also provided. This can be used in conjunction
with a 0.1µF capacitor (connected to the RESET pin) to perform power-on reset of the
device. Active Low.
11-18
Y7 - Y0
Y7 - Y0 Analog (Inputs/Outputs): these are connected to the Y0 - Y7 columns of the
switch array.
19
VDD
Positive Power Supply.
20-23
X7, X5,
X3, X1
X7, X5, X3 and X1 Analog (Inputs/Outputs): these are connected to the X7, X5, X3 and
X1 rows of the switch array.
24-26
AX0-AX2 AX0 - AX2 Address Lines (Inputs).
27, 28
AY0, AY1 AY0 and AY1 Address Lines (Inputs).
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21
AY2
STROBE
CS
DATA
VSS
X0
X2
X4
X6
RESET
Y7
Y6
Y5
Y4
AY1
AY0
AX2
AX1
AX0
X1
X3
X5
X7
VDD
Y0
Y1
Y2
Y3
28 PIN CERDIP/PLASTIC DIP
5
6
7
8
9
10
11
25
24
23
22
21
20
19
•
AX1
AX0
X1
X3
X5
X7
VDD
VSS
X0
X2
X4
X6
RESET
Y7
28 PIN PLCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com