Electronic Components Datasheet Search
  English  ▼

X  

ASM1812 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASM1812
Description  Low Power Open-Drain Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1812 Datasheet(HTML) 3 Page - ON Semiconductor

  ASM1812 Datasheet HTML 1Page - ON Semiconductor ASM1812 Datasheet HTML 2Page - ON Semiconductor ASM1812 Datasheet HTML 3Page - ON Semiconductor ASM1812 Datasheet HTML 4Page - ON Semiconductor ASM1812 Datasheet HTML 5Page - ON Semiconductor ASM1812 Datasheet HTML 6Page - ON Semiconductor ASM1812 Datasheet HTML 7Page - ON Semiconductor ASM1812 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ASM1816
http://onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Unit
Voltage on VCC (Note 1)
−0.5
7
V
Voltage on RESET (Note 1)
−0.5
VCC + 0.5
V
Operating Temperature Range
−40
+85
°C
Soldering Temperature (for 10 sec)
+260
°C
Storage Temperature
−55
+125
°C
ESD rating
HBM
2
KV
MM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Voltages are measured with respect to ground.
Table 3. DC ELECTRICAL CHARACTERISTICS (Unless otherwise noted, VCC = 1.2 V to 5.5 V and specifications are over the
operating temperature range of −40°C to +85°C. All voltages are referenced to ground.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
1.2
5.5
V
Output Current
IOL
Output = 0.4 V, VCC > 2.7 V
10
mA
Operating Current
ICC
VCC < 5.5 V, RESET output open
8
20
mA
VCC ≤ 3.6 V, RESET output open
6
15
VCC Trip Point
VCCTP
ASM1816R−5
2.98
3.06
3.15
V
ASM1816R−10
2.80
2.88
2.97
ASM1816R−15
2.635
2.72
2.805
ASM1816R−20
2.47
2.55
2.64
Internal Pull−up Resistor
RP
3.5
5.5
7.5
KW
Output Capacitance
COUT
10
pF
VCC Detect to RESET Low
tRPD
2
5
ms
VCC Slew Rate
(VCCTP (MAX) to VCCTP (MIN)
tF
(Note 2)
300
ms
VCC Slew Rate
(VCCTP (MIN) to VCCTP (MAX)
tR
0
ns
VCC Detect to RESET High
tRPU
tr = 5 ms
100
150
250
ms
2. The tF value is for reference in defining values for tRPD and should not be considered for proper operation or use.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com