Electronic Components Datasheet Search
  English  ▼

X  

ACE25Q400G Datasheet(PDF) 16 Page - ACE Technology Co., LTD.

Part # ACE25Q400G
Description  4M BIT SPI NOR FLASH Memory Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25Q400G Datasheet(HTML) 16 Page - ACE Technology Co., LTD.

Back Button ACE25Q400G Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 20Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
ACE25Q400G
4M BIT SPI NOR FLASH Memory Series
VER 1.2
16
Instruction Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Chip Erase
C7/60H
Program/Erase Suspend
75H
Program/Erase Resume
7AH
Deep Power-Down
B9H
Release From Deep
Power-Down,
And Read Device ID
ABH
dummy
dummy
dummy
(ID7-ID0)
Release From
Deep Power-Down
ABH
Manufacturer/ Device ID
90H
dummy
dummy
00H
(M7-M0)
(ID7-ID0)
JEDEC ID
9FH
(M7-M0)
(ID15-ID8)
(ID7-ID0)
Erase Security Registers(6)
44H
A23-A16
A15-A8
A7-A0
Program Security Registers(6)
42H
A23-A16
A15-A8
A7-A0
(D7-D0)
(D7-D0)
Read Security Registers(6)
48H
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Enable Reset
7Eh
Reset Device
99h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com