Electronic Components Datasheet Search
  English  ▼

X  

MT8840 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8840
Description  ISO2-CMOS Data Over Voice Modem
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8840 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8840 Datasheet HTML 1Page - Mitel Networks Corporation MT8840 Datasheet HTML 2Page - Mitel Networks Corporation MT8840 Datasheet HTML 3Page - Mitel Networks Corporation MT8840 Datasheet HTML 4Page - Mitel Networks Corporation MT8840 Datasheet HTML 5Page - Mitel Networks Corporation MT8840 Datasheet HTML 6Page - Mitel Networks Corporation MT8840 Datasheet HTML 7Page - Mitel Networks Corporation MT8840 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MT8840 ISO2-CMOS
5-4
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1
DET
Demodulator detection level adjust input (Analog). Internal resistor divider applies
2.36V in open circuit condition. Connection of external resistor will vary detect level.
2
CRx
External AGC time constant adjust input (Analog). Connect external capacitor to VSS.
3
RxI
Modulated receive signal input (Analog). Biased at VRef.
4
RxE
Receive enable input (Digital) with internal pull up. Active high.
5
LOOP
Self-test mode select input (Digital) with internal pull down. Active high.
6VRef
Internal reference supply voltage input (Analog) .
7
TxO
Modulated transmit carrier output (Analog).
8
TxDI
Transmit data input (Digital).
9VSS
Negative power supply.
10
FATC
Tone caller center frequency adjust input (Analog).
11
TCO
Tone caller output (Digital).
12
MTC
Mute tone caller input (Digital) with internal pull down. Active high.
13
ETC
Enable tone caller input (Digital) with internal pull down. Active high.
14
CK32
32 kHz data strobe output (Digital).
15
OSC1
Clock Input
3.579545 MHz crystal connected between
these pins completes internal oscillator.
16
OSC2
Clock Output to drive external devices.
17
RxDO
Receive data output (Digital). Synchronized to CK32.
18
VDD
Positive power supply.
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
DET
CRx
Rxl
RxE
LOOP
VRef
TxO
TxDI
VSS
VDD
RxDO
OSC2
OSC1
CK32
ETC
MTC
TCO
FATC
18 PIN PLASTIC DIP/SOIC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com