Electronic Components Datasheet Search
  English  ▼

X  

ACE722G Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE722G
Description  5V 2.0A, 1.3MHz Synchronous Buck Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722G Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE722G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 12Page - ACE Technology Co., LTD. ACE722G Datasheet HTML 13Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ACE722G
5V 2.0A, 1.3MHz
Synchronous Buck Converter
VER 1.1
10
Soft-start
ACE722G has a internal soft-start circuitry to reduce supply inrush current during startup conditions.
When the device exits under-voltage lockout (UVLO), shutdown mode, or restarts following a
thermal-overload event, the l soft-start circuitry slowly ramps up current available at SW.
UVLO and Thermal Shutdown
If IN drops below 2.5V, the UVLO circuit inhibits switching. Once IN rises above 2.5V, the UVLO clears,
and the soft-start sequence activates. Thermal-overload protection limits total power dissipation in the
device. When the junction temperature exceeds TJ= +150°C, a thermal sensor forces the device into
shutdown, allowing the die to cool. The thermal sensor turns the device on again after the junction
temperature cools by 15°C, resulting in a pulsed output during continuous overload conditions. Following
a thermal-shutdown condition, the soft-start sequence begins.
APPLICATION INFORMATION
Setting Output Voltages
Output voltages are set by external resistors. The FB_ threshold is 0.6V.
RTOP = RBOT [(VOUT / 0.6) - 1]
Input Capacitor Selection
The input capacitor in a DC-to-DC converter reduces current peaks drawn from the battery or other
input power source and reduces switching noise in the controller. The impedance of the input capacitor at
the switching frequency should be less than that of the input source so high-frequency switching currents
do not pass through the input source. The output capacitor keeps output ripple small and ensures
control-loop stability. The output capacitor must also have low impedance at the switching frequency.
Ceramic, polymer, and tantalum capacitors are suitable, with ceramic exhibiting the lowest ESR and
high-frequency impedance. Output ripple with a ceramic output capacitor is approximately as follows:
VRIPPLE = IL(PEAK)[1 / (2π x fOSC x COUT)]
If the capacitor has significant ESR, the output ripple component due to capacitor ESR is as follows:
VRIPPLE(ESR) = IL(PEAK) x ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com