Electronic Components Datasheet Search
  English  ▼

X  

MT8880C Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # MT8880C
Description  ISO2-CMOS Integrated DTMFTransceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8880C Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button MT8880C Datasheet HTML 10Page - Mitel Networks Corporation MT8880C Datasheet HTML 11Page - Mitel Networks Corporation MT8880C Datasheet HTML 12Page - Mitel Networks Corporation MT8880C Datasheet HTML 13Page - Mitel Networks Corporation MT8880C Datasheet HTML 14Page - Mitel Networks Corporation MT8880C Datasheet HTML 15Page - Mitel Networks Corporation MT8880C Datasheet HTML 16Page - Mitel Networks Corporation MT8880C Datasheet HTML 17Page - Mitel Networks Corporation MT8880C Datasheet HTML 18Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MT8880C/MT8880C-1 ISO2-CMOS
4-48
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25°C and for design aid only: not guaranteed and not subject to production testing.
* The data bus output buffers are no longer sourcing or sinking current by tDHR.
# See Figure 6 regarding guard time adjustment.
NOTES: 1) dBm=decibels above or below a reference power of 1 mW into a 600 ohm load.
2) Digit sequence consists of all 16 DTMF tones.
3) Tone duration=40 ms. Tone pause=40 ms.
4) Nominal DTMF frequencies are used.
5) Both tones in the composite signal have an equal amplitude.
6) The tone pair is deviated by ±1.5%±2 Hz.
7) Bandwidth limited (3 kHz) Gaussian noise.
8) The precise dial tone frequencies are 350 and 440 Hz (±2%).
9) For an error rate of less than 1 in 10,000.
10) Referenced to the lowest amplitude tone in the DTMF signal.
11) Referenced to the minimum valid accept level.
12) For guard time calculation purposes.
AC Electrical Characteristics† (Cont‘d) - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Notes*
28
Data hold time (write)
tDHW
10
ns
29
Input Capacitance (data bus)
CIN
5pF
30
Output Capacitance (IRQ/CP)
COUT
5pF
31
D
T
M
F
C
L
K
Crystal/clock frequency
fC
3.5759
3.5795
3.5831
MHz
32
Clock input rise time
tLHCL
110
ns
Ext. clock
33
Clock input duty cycle
tHLCL
110
ns
Ext. clock
34
Clock input duty cycle
DCCL
40
50
60
%
Ext. clock
35
Capacitive load (OSC2)
CLO
30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com