Electronic Components Datasheet Search
  English  ▼

X  

ACE3006M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE3006M
Description  N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3006M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE3006M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3006M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3006M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3006M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3006M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3006M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE3006M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE3006M
N-Channel Enhancement Mode MOSFET
VER 1.1
1
Description
ACE3006M uses advanced trench technology to provide excellent RDS(ON).
This device particularly suits for low voltage application such as power management of desktop
computer or notebook computer power management, DC/DC converter.
Features
• Low r
DS(on) trench technology
• Low thermal impedance
• Fast switching speed
Applications:
• PoE Power Sourcing Equipment
• PoE Powered Devices
• Telecom DC/DC converters
• White LED boost converters
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current
TC=25°C
ID
30
A
Pulsed Drain Current
b
IDM
100
Continuous Source Current (Diode Conduction)
a
IS
30
A
Power Dissipation
TC=25°C
PD
50
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 175
°C


Similar Part No. - ACE3006M

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ACE3000 LINEAGEPOWER-ACE3000 Datasheet
806Kb / 2P
3 Bay / 9 Kilowatt Power Shelf
ACE3000T LINEAGEPOWER-ACE3000T Datasheet
820Kb / 2P
3 Bay / 9 Kilowatt Power Shelf
More results

Similar Description - ACE3006M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com