Electronic Components Datasheet Search
  English  ▼

X  

MT8880CE Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT8880CE
Description  ISO2-CMOS Integrated DTMFTransceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8880CE Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT8880CE Datasheet HTML 2Page - Mitel Networks Corporation MT8880CE Datasheet HTML 3Page - Mitel Networks Corporation MT8880CE Datasheet HTML 4Page - Mitel Networks Corporation MT8880CE Datasheet HTML 5Page - Mitel Networks Corporation MT8880CE Datasheet HTML 6Page - Mitel Networks Corporation MT8880CE Datasheet HTML 7Page - Mitel Networks Corporation MT8880CE Datasheet HTML 8Page - Mitel Networks Corporation MT8880CE Datasheet HTML 9Page - Mitel Networks Corporation MT8880CE Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MT8880C/MT8880C-1 ISO2-CMOS
4-38
Figure 9 - Receiver Timing Diagram
Vin
ESt
St/GT
RX0-RX3
b3
b2
Read
Status
Register
IRQ/CP
EVENTS
AB
C
D
E
F
tREC
tREC
tID
tDO
TONE #n
TONE
#n + 1
TONE
#n + 1
tDP
tDA
tGTP
tGTA
tPStRX
tPStb3
DECODED TONE # (n-1)
# n
# (n + 1)
VTSt
of time segments is fixed at 32, however, by varying
the segment length as described above the tone
output signal frequency will be varied. The divider
output clocks another counter which addresses the
sinewave lookup ROM.
The lookup table contains codes which are used by
the switched capacitor D/A converter to obtain
discrete and highly accurate DC voltage levels. Two
identical circuits are employed to produce row
and
column tones which are then mixed using a low
noise summing amplifier. The oscillator described
needs
no
“start-up”
time
as
in
other
DTMF
generators since the crystal oscillator is running
continuously thus providing a high degree of tone
burst
accuracy.
A
bandwidth
limiting
filter
is
incorporated and serves to attenuate distortion
products above 8 kHz. It can be seen from Figure 10
that the distortion products are very low in amplitude.
Figure 10 - Spectrum Plot
Scaling Information
10 dB/Div
Start Frequency = 0 Hz
Stop Frequency = 3400 Hz
Marker Frequency = 697 Hz and
1209 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com