Electronic Components Datasheet Search
  English  ▼

X  

PE3C0047 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0047
Description  TNC Male to Mini UHF Male Cable Using LMR-195 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0047 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0047 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0047 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0047 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
TNC Male to Mini UHF Male Cable Using LMR-195 Coax
Configuration
Connector 1
TNC Male
Connector 1 Specification
MIL-STD-348A
Connector 2
Mini UHF Male
Cable Type
LMR-195
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-195
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Diameter, in [mm]
0.591 [15.01]
.
Weight, lbs [g]
0.062 [28.12]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.5 [12.7]
Repeated Minimum Bend Radius, in [mm]
2 [50.8]
Cable
No of Shields
2
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.195 [4.95]
Connector 1
Type
TNC Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
Mini UHF Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
TNC Male to Mini UHF Male Cable Using LMR-195 Coax
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male to Mini UHF Male Cable Using LMR-195 Coax PE3C0047
PE3C0047 REV
PE3C0047


Similar Part No. - PE3C0047

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0047-12 PASTERNACK-PE3C0047-12 Datasheet
329Kb / 3P
TNC Male to Mini UHF Male Cable 12 Inch Length Using LMR-195 Coax
PE3C0047-12 PASTERNACK-PE3C0047-12 Datasheet
329Kb / 3P
TNC Male to Mini UHF Male Cable 24 Inch Length Using LMR-195 Coax
PE3C0047-12 PASTERNACK-PE3C0047-12 Datasheet
329Kb / 3P
TNC Male to Mini UHF Male Cable 36 Inch Length Using LMR-195 Coax
PE3C0047-12 PASTERNACK-PE3C0047-12 Datasheet
329Kb / 3P
TNC Male to Mini UHF Male Cable 48 Inch Length Using LMR-195 Coax
PE3C0047-12 PASTERNACK-PE3C0047-12 Datasheet
329Kb / 3P
TNC Male to Mini UHF Male Cable 60 Inch Length Using LMR-195 Coax
More results

Similar Description - PE3C0047

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0058 PASTERNACK-PE3C0058 Datasheet
337Kb / 3P
TNC Male to TNC Male Right Angle Cable Using LMR-195 Coax
PE3C0042 PASTERNACK-PE3C0042 Datasheet
337Kb / 3P
TNC Male to TNC Male Cable Using LMR-195 Coax
PE3C0042-12 PASTERNACK-PE3C0042-12 Datasheet
329Kb / 3P
TNC Male to TNC Male Cable 12 InchLength Using LMR-195 Coax
PE3C0042-36 PASTERNACK-PE3C0042-36 Datasheet
330Kb / 3P
TNC Male to TNC Male Cable 36 InchLength Using LMR-195 Coax
PE3C0042-60 PASTERNACK-PE3C0042-60 Datasheet
330Kb / 3P
TNC Male to TNC Male Cable 60 InchLength Using LMR-195 Coax
PE3C0047-12 PASTERNACK-PE3C0047-12 Datasheet
329Kb / 3P
TNC Male to Mini UHF Male Cable 12 Inch Length Using LMR-195 Coax
PE3C0047-24 PASTERNACK-PE3C0047-24 Datasheet
329Kb / 3P
TNC Male to Mini UHF Male Cable 24 Inch Length Using LMR-195 Coax
PE3C0047-36 PASTERNACK-PE3C0047-36 Datasheet
329Kb / 3P
TNC Male to Mini UHF Male Cable 36 Inch Length Using LMR-195 Coax
PE3C0047-48 PASTERNACK-PE3C0047-48 Datasheet
329Kb / 3P
TNC Male to Mini UHF Male Cable 48 Inch Length Using LMR-195 Coax
PE3C0047-60 PASTERNACK-PE3C0047-60 Datasheet
329Kb / 3P
TNC Male to Mini UHF Male Cable 60 Inch Length Using LMR-195 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com