Electronic Components Datasheet Search
  English  ▼

X  

ALS50-3 Datasheet(PDF) 2 Page - TRIAD MAGNETICS

Part # ALS50-3
Description  Switch Mode Power Supplies Single Output AC/DC Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

ALS50-3 Datasheet(HTML) 2 Page - TRIAD MAGNETICS

  ALS50-3 Datasheet HTML 1Page - TRIAD MAGNETICS ALS50-3 Datasheet HTML 2Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Switch Mode Power Supplies
Single Output
AC/DC Power Supply
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California 92571
Publish Date: December 4, 2013
Technical Notes:
1.
Throughout Vin range. Vout must be measured as near as possible to power supply.
2.
Total output power by any combination of channel must not exceed Pou(m).
3.
Vout deviation as Iout varies from Io(min)-Io(max).
4.
Vout deviation as Vin varies from 90 – 260Vac.
5.
Where UL and CSA is concerned, official rated input voltage range is 100-120Vac/200-240Vac.
6.
Current derated to avoid issues with heat dissipation due to large load current at such low voltage.
Outline Dimensions (mm):
Mounting Method:
Connector Types:
AC Housing: Molex 09-50-3031
Crimp Terminals: Molex 08-50-0105
DC Housing: Molex 09-50-3061
Crimp Terminals: Molex 08-50-0105
RoHS Compliance: As of manufacturing date February 2005, all standard products meet the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website for the most current version.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com