Electronic Components Datasheet Search
  English  ▼

X  

SSFN3317 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSFN3317
Description  30V P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFN3317 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSFN3317 Datasheet HTML 1Page - GOOD-ARK Electronics SSFN3317 Datasheet HTML 2Page - GOOD-ARK Electronics SSFN3317 Datasheet HTML 3Page - GOOD-ARK Electronics SSFN3317 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.goodark.com
Page 2 of 4
Rev.1.0
SSFN3317
30V P-Channel MOSFET
Gate-Body Leakage Current
IGSS
VGS=±25V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-1.7
-2.2
-3
V
VGS=-4.5V, ID=-6A
26
36
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-8A
14
18
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-10A
18
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
1200
PF
Output Capacitance
Coss
260
PF
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V,
F=1.0MHz
145
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
10
nS
Turn-on Rise Time
tr
9
nS
Turn-Off Delay Time
td(off)
22
nS
Turn-Off Fall Time
tf
VDS=-15V,VGS=-10V,RGEN=3Ω
ID=1A
8
nS
Total Gate Charge
Qg
18
nC
Gate-Source Charge
Qgs
5
nC
Gate-Drain Charge
Qgd
VDS=-15V,ID=-10A,VGS=-10V
3.5
nC
Body Diode Reverse Recovery Time
Trr
24
nS
Body Diode Reverse Recovery Charge
Qrr
IF=-10A, dI/dt=100A/µs
12
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-1A
-0.74
-1
V
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on 1in
2 FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com