Electronic Components Datasheet Search
  English  ▼

X  

ALS75-5 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # ALS75-5
Description  Switch Mode Power Supplies Single Output AC/DC Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

ALS75-5 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  ALS75-5 Datasheet HTML 1Page - TRIAD MAGNETICS ALS75-5 Datasheet HTML 2Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switch Mode Power Supplies
Single Output
AC/DC Power Supply
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California 92571
Publish Date: December 4, 2013
ALS75-5
Description:
The ALS75-5 is a single output power supply. It provides a DC output power in a cost-effective
open frame package. Excellent performance specifications are provided, together with compliance
to European EMC (EN55022, Class A), and Low Voltage directive (TUV EN60950).
Specifications (@25C)
Input Characteristics:
Input Voltage (5):
110/220Vac (90-260Vac, 120-370Vdc)
Input Frequency Range:
47-63Hz
Max Input Current:
1.8A @ 110Vac; 0.9A @ 220Vac
Max Inrush Current:
30A @ 220VAc
Hold-Up Time:
17ms typ @ 110Vac, 100% Load
Output Characteristics:
Output Voltage:
5.0Vdc
Output Current (1):
12A
Output Power (1):
60W
Ripple & Noise (20MHz BW):
100mV
Line Regulation (4):
1.0%
Load Regulation (3):
2.0%
Temperature Drift:
0.02%/°C
Rise-UP Time:
500ms max, 110Vac, 100% Load
Over Current Protection:
Shutdown, O.C.P Point>120%, recycle AC supply to recover
Over Voltage Protection:
>105% Zener across output
Short Circuit Protection:
Unit shutdown, recycle AC supply to recover
Adj. O/P Voltage Range (1,2):
±10%
Environmental Specifications:
EMI (Conducted RFI):
Built to comply with EN55022-B
EFT:
Built to comply with IEC61000-4-4
ESD:
Built to comply with IEC61000-4-2
Surge:
Built to comply with IEC61000-4-5
Operating Temperature:
Convection cooling 0 to 50°C:100%; 60°C:70%
Operating Humidity:
30% to 90% RH
Storage Temperature:
-25 to 85°C
Storage Humidity:
10% to 95% RH
Cooling:
Convection cooling
Vibration:
1min sweep 10-55Hz, 2G Amplitude, X,Y,Z axis 1hr each
Shock:
<20G
General Specifications:
Efficiency:
70% Typical
Dimensions (WxLxH):
76.20x127x42mm
Weight:
350g
Warranty:
2 years @ 40°C, 100% Load
Safety Standards:
Standard:
UL60950 (UL File No: E204980)
TUV EN60950 (TUV No: 50070245)
Dielectric Strength:
I/P-O/P:3kVac, I/P-FG:2.5kVac, <10mA, 1min
Insulation Resistance:
O/P-FG: 5000VDC>100Mohms


Similar Part No. - ALS75-5

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
ALS75-12 TRIAD-ALS75-12 Datasheet
119Kb / 2P
Switch Mode Power Supplies Single Output AC/DC Power Supply
ALS75-24 TRIAD-ALS75-24 Datasheet
119Kb / 2P
Switch Mode Power Supplies Single Output AC/DC Power Supply
ALS75-3 TRIAD-ALS75-3 Datasheet
119Kb / 2P
Switch Mode Power Supplies Single Output AC/DC Power Supply
More results

Similar Description - ALS75-5

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
ALS50-3 TRIAD-ALS50-3 Datasheet
119Kb / 2P
Switch Mode Power Supplies Single Output AC/DC Power Supply
ALS50-5 TRIAD-ALS50-5 Datasheet
119Kb / 2P
Switch Mode Power Supplies Single Output AC/DC Power Supply
ALS50-12 TRIAD-ALS50-12 Datasheet
152Kb / 2P
Switch Mode Power Supplies Single Output AC/DC Power Supply
ALS50-24 TRIAD-ALS50-24 Datasheet
152Kb / 2P
Switch Mode Power Supplies Single Output AC/DC Power Supply
ALS75-3 TRIAD-ALS75-3 Datasheet
119Kb / 2P
Switch Mode Power Supplies Single Output AC/DC Power Supply
ALS75-12 TRIAD-ALS75-12 Datasheet
119Kb / 2P
Switch Mode Power Supplies Single Output AC/DC Power Supply
AWSP40-5 TRIAD-AWSP40-5 Datasheet
211Kb / 2P
Switch Mode Power Supplies Single Output AC/DC Power Supply
AWSP40-12 TRIAD-AWSP40-12 Datasheet
211Kb / 2P
Switch Mode Power Supplies Single Output AC/DC Power Supply
AWSP60-12 TRIAD-AWSP60-12 Datasheet
219Kb / 2P
Switch Mode Power Supplies Single Output AC/DC Power Supply
AWSP60-24 TRIAD-AWSP60-24 Datasheet
219Kb / 2P
Switch Mode Power Supplies Single Output AC/DC Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com