Electronic Components Datasheet Search
  English  ▼

X  

SSFN2269 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSFN2269
Description  20V Dual P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFN2269 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSFN2269 Datasheet HTML 1Page - GOOD-ARK Electronics SSFN2269 Datasheet HTML 2Page - GOOD-ARK Electronics SSFN2269 Datasheet HTML 3Page - GOOD-ARK Electronics SSFN2269 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSFN2269
20V Dual P-Channel MOSFET
www.goodark.com
Page 1 of 4
Rev.1.1
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape Width
Quantity
SSFN2269
SSFN2269
DFN2X2-6L
-
-
-
ABSOLUTE MAXIMUM RATINGS (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8
V
ID
-3.3
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-20
A
Maximum Power Dissipation
PD
1.5
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
83
/W
℃
GENERAL FEATURES
● VDS = -20V,ID =-3.3A
RDS(ON) < 90mΩ @ VGS=-4.5V
RDS(ON) < 120mΩ @ VGS=-2.5V
● High Power and current handing capability
● Lead free product
● Surface Mount Package
APPLICATIONS
●Battery protection
●Load switch
●Power management
Marking and Pin Assignment
DFN2X2-6L
DESCRIPTION
The SSFN2269 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 2.5V.
Schematic Diagram


Similar Part No. - SSFN2269

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSFN2269 SILIKRON-SSFN2269 Datasheet
241Kb / 5P
High Power and current handing capability
More results

Similar Description - SSFN2269

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4433D TSC-TSM4433D Datasheet
357Kb / 6P
20V Dual P-Channel MOSFET
TSM6981D TSC-TSM6981D Datasheet
405Kb / 6P
20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D Datasheet
380Kb / 6P
20V Dual P-Channel MOSFET
TSM3911D TSC-TSM3911D_09 Datasheet
305Kb / 6P
20V Dual P-Channel MOSFET
TSM6963SD_1011 TSC-TSM6963SD_1011 Datasheet
361Kb / 6P
20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D_08 Datasheet
368Kb / 6P
20V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2129H3 GOOD-ARK-SSF2129H3_15 Datasheet
733Kb / 6P
20V Dual P-Channel MOSFET
SSF2129H3 GOOD-ARK-SSF2129H3 Datasheet
739Kb / 6P
20V Dual P-Channel MOSFET
SSF2841 GOOD-ARK-SSF2841 Datasheet
431Kb / 4P
20V Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com