Electronic Components Datasheet Search
  English  ▼

X  

QFX Datasheet(PDF) 1 Page - Vishay Siliconix

Part # QFX
Description  Thin Film, Top-Contact Megohm Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

QFX Datasheet(HTML) 1 Page - Vishay Siliconix

  QFX Datasheet HTML 1Page - Vishay Siliconix QFX Datasheet HTML 2Page - Vishay Siliconix QFX Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QFX
www.vishay.com
Vishay Electro-Films
Revision: 05-Apr-13
1
Document Number: 61031
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film, Top-Contact Megohm Resistor
Product may not be to scale
The QFX series, tantulum nitride on quartz resistor chips
combine high resistance with low shunt capacitance. These
offer one of the best combinations of small size, frequency
response and high value available.
The QFXs are manufactured using Vishay Electro-Films (EFI)
sophisticated thin film equipment and manufacturing
technology. The QFXs are 100 % electrically tested and
visually inspected to MIL-STD-883, method 2032 class H
or K.
FEATURES
• Wire bondable
• Chip size: 0.050 inches square
• Case: 0505
• Resistance range: 500 k
 to 10 M
• Quartz substrate: < 0.1 pF shunt capacitance
• Resistor
material:
Tantalum
nitride,
self-passivating
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
The QFX series resistor chips are designed for circuits
requiring high values with lower shunt capacitance for
higher frequency of operation.
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
500K to 10M
Standard Tolerances
± 0.1, ± 0.5
%
TCR
± 50, ± 100, ± 250, ± 350
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
- 12 typ.
dB
Moisture Resistance, MIL-STD-202
Method 106
± 0.5 max.
R/R
%
Stability, 1000 h, + 125 °C, 10 mW
± 0.5 max.
R/R
%
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock, MIL-STD-202,
Method 107, Test Condition F
± 0.25 max.
R/R
%
High Temperature Exposure, + 150 °C, 100 h
± 0.5 max.
R/R
%
Dielectric Voltage Breakdown
400
V
Insulation Resistance
1012 min.
Operating Voltage
400 max.
V
DC Power Rating at + 70 °C (Derated to zero at + 175 °C)
0.020
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.25 max.
R/R
%
0.1 %
Tightest Standard Tolerance Available
± 250 ppm/°C
± 50 ppm/°C
± 100 ppm/°C
0.5 %
1 M
Ω
10 M
Ω
2.0 M
Ω
500 k
Ω
± 350 ppm/°C
4.2 M
Ω


Similar Part No. - QFX

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
QFX-10GBASE-LR-C ATGBICS-QFX-10GBASE-LR-C Datasheet
367Kb / 10P
QFX-10GBASE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
logo
Juniper Networks, Inc.
QFX-QSFP-40G-SR4 JUNIPER-QFX-QSFP-40G-SR4 Datasheet
1Mb / 14P
Ethernet Switch
May 2016
logo
ATGBICS by Approved Tec...
QFX-QSFP-40G-SR4-C ATGBICS-QFX-QSFP-40G-SR4-C Datasheet
541Kb / 15P
QFX-QSFP-40G-SR4 Juniper Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
logo
Juniper Networks, Inc.
QFX-QSFP-DAC-1M JUNIPER-QFX-QSFP-DAC-1M Datasheet
1Mb / 14P
Ethernet Switch
May 2016
logo
ATGBICS by Approved Tec...
QFX-QSFP-DAC-1M-C ATGBICS-QFX-QSFP-DAC-1M-C Datasheet
332Kb / 8P
QFX-QSFP-DAC-1M Juniper Compatible Direct Attach Copper Twinax Cable 40G QSFP (1m, Passive)
More results

Similar Description - QFX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
BCR VISHAY-BCR_15 Datasheet
77Kb / 3P
Thin Film, Back-Contact Resistor
25-Feb-13
MSFM VISHAY-MSFM Datasheet
82Kb / 3P
Thin Film, Top-Contact Miniature Resistor
26-Jan-15
QFM VISHAY-QFM Datasheet
75Kb / 3P
Thin Film, Top-Contact Resistor
05-Apr-13
QFN VISHAY-QFN Datasheet
77Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
SC3 VISHAY-SC3_15 Datasheet
138Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
SFM VISHAY-SFM Datasheet
74Kb / 3P
Thin Film Top-Contact Resistor
25-Feb-13
SFN VISHAY-SFN Datasheet
96Kb / 3P
NiCr Thin Film, Top-Contact Resistor
11-Sep-13
SFP VISHAY-SFP Datasheet
88Kb / 3P
Thin Film Top-Contact Resistor with Part Mark
04-Mar-13
SFX VISHAY-SFX Datasheet
74Kb / 3P
Thin Film, Top-Contact Megohm Resistor
04-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com