Electronic Components Datasheet Search
  English  ▼

X  

MT8889CS Datasheet(PDF) 15 Page - Mitel Networks Corporation

Part # MT8889CS
Description  Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8889CS Datasheet(HTML) 15 Page - Mitel Networks Corporation

Back Button MT8889CS Datasheet HTML 10Page - Mitel Networks Corporation MT8889CS Datasheet HTML 11Page - Mitel Networks Corporation MT8889CS Datasheet HTML 12Page - Mitel Networks Corporation MT8889CS Datasheet HTML 13Page - Mitel Networks Corporation MT8889CS Datasheet HTML 14Page - Mitel Networks Corporation MT8889CS Datasheet HTML 15Page - Mitel Networks Corporation MT8889CS Datasheet HTML 16Page - Mitel Networks Corporation MT8889CS Datasheet HTML 17Page - Mitel Networks Corporation MT8889CS Datasheet HTML 18Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
MT8889C/MT8889C-1
4-121
† Characteristics are over recommended operating conditions unless otherwise stated
‡ Typical figures are at 25°C, VDD=5V, and for design aid only: not guaranteed and not subject to production testing
† Characteristics are over recommended operating conditions unless otherwise stated
‡ Typical figures are at 25°C, VDD=5V, and for design aid only: not guaranteed and not subject to production testing
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25°C and for design aid only: not guaranteed and not subject to production testing.
AC Electrical Characteristics†- Call Progress - Voltages are with respect to ground (V
SS), unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Conditions
1
Accept Bandwidth
fA
310
500
Hz
@ -25 dBm,
Note 9
2
Lower freq. (REJECT)
fLR
290
Hz
@ -25 dBm
3
Upper freq. (REJECT)
fHR
540
Hz
@ -25 dBm
4
Call progress tone detect level (total
power)
-30
dBm
AC Electrical Characteristics†- DTMF Reception - Typical DTMF tone accept and reject requirements. Actual
values are user selectable as per Figures 5, 6 and 7.
Characteristics
Sym
Min
Typ‡
Max
Units
Conditions
1
Minimum tone accept duration
tREC
40
ms
2
Maximum tone reject duration
tREC
20
ms
3
Minimum interdigit pause duration
tID
40
ms
4
Maximum tone drop-out duration
tOD
20
ms
AC Electrical Characteristics† - Voltages are with respect to ground (V
SS), unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Conditions
1
T
O
N
E
I
N
Tone present detect time
tDP
3
11
14
ms
Note 11
2
Tone absent detect time
tDA
0.5
4
8.5
ms
Note 11
3
Delay St to b3
tPStb3
13
µs
See Figure 7
4
Delay St to RX0-RX3
tPStRX
8
µs
See Figure 7
5
T
O
N
E
O
U
T
Tone burst duration
tBST
50
52
ms
DTMF mode
6
Tone pause duration
tPS
50
52
ms
DTMF mode
7
Tone burst duration (extended)
tBSTE
100
104
ms
Call Progress mode
8
Tone pause duration (extended)
tPSE
100
104
ms
Call Progress mode
9
High group output level
VHOUT
-6.1
-2.1
dBm
RL=10kΩ
10
Low group output level
VLOUT
-8.1
-4.1
dBm
RL=10kΩ
11
Pre-emphasis
dBP
023
dB
RL=10kΩ
12
Output distortion (Single Tone)
THD
-35
dB
25 kHz Bandwidth
13
RL=10kΩ
14
Frequency deviation
fD
±0.7
±1.5
%
fC=3.579545 MHz
15
Output load resistance
RLT
10
50
k
Ω
16
X
T
A
L
Crystal/clock frequency
fC
3.5759
3.5795
3.5831
MHz
17
Clock input rise and fall time
tCLRF
110
ns
Ext. clock
18
Clock input duty cycle
DCCL
40
50
60
%
Ext. clock
19
Capacitive load (OSC2)
CLO
30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com