Electronic Components Datasheet Search
  English  ▼

X  

MT8889CS-1 Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # MT8889CS-1
Description  Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8889CS-1 Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button MT8889CS-1 Datasheet HTML 10Page - Mitel Networks Corporation MT8889CS-1 Datasheet HTML 11Page - Mitel Networks Corporation MT8889CS-1 Datasheet HTML 12Page - Mitel Networks Corporation MT8889CS-1 Datasheet HTML 13Page - Mitel Networks Corporation MT8889CS-1 Datasheet HTML 14Page - Mitel Networks Corporation MT8889CS-1 Datasheet HTML 15Page - Mitel Networks Corporation MT8889CS-1 Datasheet HTML 16Page - Mitel Networks Corporation MT8889CS-1 Datasheet HTML 17Page - Mitel Networks Corporation MT8889CS-1 Datasheet HTML 18Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MT8889C/MT8889C-1
4-122
† Characteristics are over recommended operating conditions unless otherwise stated
‡ Typical figures are at 25°C, VDD=5V, and for design aid only: not guaranteed and not subject to production testing
NOTES: 1) dBm=decibels above or below a reference power of 1 mW into a 600 ohm load.
2) Digit sequence consists of all 16 DTMF tones.
3) Tone duration=40 ms. Tone pause=40 ms.
4) Nominal DTMF frequencies are used.
5) Both tones in the composite signal have an equal amplitude.
6) The tone pair is deviated by ± 1.5 %±2 Hz.
7) Bandwidth limited (3 kHz) Gaussian noise.
8) The precise dial tone frequencies are 350 and 440 Hz (±2 %).
9) Guaranteed by design and characterization. Not subject to production testing.
10) Referenced to the lowest amplitude tone in the DTMF signal.
11) For guard time calculation purposes.
Figure 16 - DS/RD/WR Clock Pulse
AC Electrical Characteristics†- MPU Interface - Voltages are with respect to ground (V
SS), unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Conditions
1DS/RD/WR clock frequency
fCYC
4.0
MHz
Figure 16
2DS/RD/WR cycle period
tCYC
250
ns
Figure 16
3DS/RD/WR low pulse width
tCL
150
ns
Figure 16
4DS/RD/WR high pulse width
tCH
100
ns
Figure 16
5DS/RD/WR rise and fall time
tR,tF
20
ns
Figure 16
6R/W setup time
tRWS
23
ns
Figures 17 & 18
7R/W hold time
tRWH
20
ns
Figures 17 & 18
8
Address setup time (RS0)
tAS
0
ns
Figures 17 - 20
9
Address hold time (RS0)
tAH
40
20
ns
Figures 17 - 20
10
Data hold time (read)
tDHR
22
ns
Figures 17 - 20
11
DS/RD to valid data delay (read)
tDDR
100
ns
Figures 17 - 20
12
Data setup time (write)
tDSW
45
ns
Figures 17 - 20
13
Data hold time (write)
tDHW
10
ns
Figures 17 - 20
14
Chip select setup time
tCSS
45
35
ns
Figures 17 - 20
15
Chip select hold time
tCSH
40
ns
Figures 17 - 20
16
Input Capacitance (data bus)
CIN
5pF
17
Output Capacitance (IRQ/CP)
COUT
5pF
tCYC
tR
tCH
tCL
DS/RD/WR
tF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com