Electronic Components Datasheet Search
  English  ▼

X  

MT88L85AP Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT88L85AP
Description  3V Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT88L85AP Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT88L85AP Datasheet HTML 9Page - Mitel Networks Corporation MT88L85AP Datasheet HTML 10Page - Mitel Networks Corporation MT88L85AP Datasheet HTML 11Page - Mitel Networks Corporation MT88L85AP Datasheet HTML 12Page - Mitel Networks Corporation MT88L85AP Datasheet HTML 13Page - Mitel Networks Corporation MT88L85AP Datasheet HTML 14Page - Mitel Networks Corporation MT88L85AP Datasheet HTML 15Page - Mitel Networks Corporation MT88L85AP Datasheet HTML 16Page - Mitel Networks Corporation MT88L85AP Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Advance Information
MT88L85
4-83
Figure 14 - Application Notes
INITIALIZATION PROCEDURE
A software reset must be included at the beginning of all programs to initialize the control registers after
power up.
Description:
Motorola
Intel
Data
RS0
R/W
WR RD
b3
b2
b1
b0
1) Read Status Register
1
1
1
0
X
X
X
X
2) Write to Control Register
1
0
0
1
0
0
0
0
3) Write to Control Register
1
0
0
1
0
0
0
0
4) Write to Control Register
1
0
0
1
1
0
0
0
5) Write to Control Register
1
0
0
1
0
0
0
0
6) Read Status Register
1
1
1
0
X
X
X
X
TYPICAL CONTROL SEQUENCE FOR BURST MODE APPLICATIONS
Transmit DTMF tones of 50 ms burst/50 ms pause and Receive DTMF Tones.
Sequence:
RS0
R/W
WR RD
b3
b2
b1
b0
1) Write to Control Register A
1
0
0
1
1
1
0
1
(tone out, DTMF, IRQ, Select Control Register B)
2) Write to Control Register B
1
0
0
1
0
0
0
0
(burst mode)
3) Write to Transmit Data Register
0
0
0
1
0
1
1
1
(send a digit 7)
4) Wait for an Interrupt or Poll Status Register
5) Read the Status Register
1
1
1
0
X
X
X
X
-if bit 1 is set, the Tx is ready for the next tone, in which case ...
Write to Transmit Register
0
0
0
1
0
1
0
1
(send a digit 5)
-if bit 2 is set, a DTMF tone has been received, in which case ....
Read the Receive Data Register
0
1
1
0
X
X
X
X
-if both bits are set ...
Read the Receive Data Register
0
1
1
0
X
X
X
X
Write to Transmit Data Register
0
0
0
1
0
1
0
1
NOTE: IN THE TX BURST MODE, STATUS REGISTER BIT 1 WILL NOT BE SET UNTIL 100 ms ( ±2 ms) AFTER THE DATA IS
WRITTEN TO THE TX DATA REGISTER. IN EXTENDED BURST MODE THIS TIME WILL BE DOUBLED TO 200 ms (± 4 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com