Electronic Components Datasheet Search
  English  ▼

X  

MT8880 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8880
Description  ISO2-CMOS Integrated DTMFTransceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8880 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8880 Datasheet HTML 1Page - Mitel Networks Corporation MT8880 Datasheet HTML 2Page - Mitel Networks Corporation MT8880 Datasheet HTML 3Page - Mitel Networks Corporation MT8880 Datasheet HTML 4Page - Mitel Networks Corporation MT8880 Datasheet HTML 5Page - Mitel Networks Corporation MT8880 Datasheet HTML 6Page - Mitel Networks Corporation MT8880 Datasheet HTML 7Page - Mitel Networks Corporation MT8880 Datasheet HTML 8Page - Mitel Networks Corporation MT8880 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ISO2-CMOS
MT8880C/MT8880C-1
4-35
Functional Description
The MT8880C/C-1 Integrated DTMF Transceiver
architecture consists of a high performance DTMF
receiver with internal gain setting amplifier and a
DTMF generator which employs a burst counter such
that
precise
tone
bursts
and
pauses
can
be
synthesized. A call progress mode can be selected
such that frequencies within the specified passband
can
be
detected.
A
standard
microprocessor
interface allows access to an internal status register,
two control registers and two data registers.
Input Configuration
The input arrangement of the MT8880C/C-1 provides
a differential-input operational amplifier as well as a
bias source (VRef) which is used to bias the inputs at
VDD/2. Provision is made for connection of a
feedback resistor to the op-amp output (GS) for
adjustment of gain. In a single-ended configuration,
the input pins are connected as shown in Figure 3.
Figure 4 shows the necessary connections for a
differential input configuration.
Figure 3 - Single-Ended Input Configuration
Receiver Section
Separation of the low and high group tones is
achieved by applying the DTMF signal to the inputs
of two sixth-order switched capacitor bandpass
filters, the bandwidths of which correspond to the low
and high group frequencies (see Fig. 7). These filters
also incorporate notches at 350 Hz and 440 Hz for
exceptional dial tone rejection. Each filter output is
followed by a single order switched capacitor filter
section which smooths the signals prior to limiting.
Limiting is performed by high-gain comparators
C
RIN
RF
IN+
IN-
GS
VRef
VOLTAGE GAIN
(AV) = RF / RIN
MT8880C/C-1
Figure 4 - Differential Input Configuration
which are provided with hysteresis to prevent
detection of unwanted low-level signals. The outputs
of the comparators provide full rail logic swings at
the frequencies of the incoming DTMF signals.
Following the filter section is a decoder employing
digital
counting
techniques
to
determine
the
frequencies of the incoming tones and to verify that
they correspond to standard DTMF frequencies. A
complex averaging algorithm protects against tone
simulation by extraneous signals such as voice while
providing tolerance to small frequency deviations
and variations. This averaging algorithm has been
developed to ensure an optimum combination of
immunity to talk-off and tolerance to the presence of
interfering frequencies (third tones) and noise. When
the detector recognizes the presence of two valid
tones (this is referred to as the “signal condition” in
some industry specifications) the “Early Steering”
(ESt)
output
will
go
to
an
active
state.
Any
subsequent loss of signal condition will cause ESt to
assume an inactive state.
C1
C2
R1
R2
R3
R4
R5
IN+
IN-
GS
VRef
MT8880C/C-1
DIFFERENTIAL INPUT AMPLIFIER
C1 = C2 = 10 nF
R1 = R4 = R5 = 100 k
Ω
R2 = 60k
Ω, R3 = 37.5 kΩ
R3 = (R2R5)/(R2 + R5)
VOLTAGE GAIN
(AV diff) = R5/R1
INPUT IMPEDANCE
(ZINdiff) = 2 R1
2 + (1/
ωC)2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com