Electronic Components Datasheet Search
  English  ▼

X  

SSF8205 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF8205
Description  20V Dual N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF8205 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF8205 Datasheet HTML 1Page - GOOD-ARK Electronics SSF8205 Datasheet HTML 2Page - GOOD-ARK Electronics SSF8205 Datasheet HTML 3Page - GOOD-ARK Electronics SSF8205 Datasheet HTML 4Page - GOOD-ARK Electronics SSF8205 Datasheet HTML 5Page - GOOD-ARK Electronics SSF8205 Datasheet HTML 6Page - GOOD-ARK Electronics SSF8205 Datasheet HTML 7Page - GOOD-ARK Electronics SSF8205 Datasheet HTML 8Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SSF8205
20V Dual N-Channel MOSFET
www.goodark.com
Page 2 of 8
Rev.1.0
Electrical Characteristics @TA=25℃ unless otherwise specified
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS=±10V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.5
0.8
1.2
V
VGS=4V, ID=4A
20
30
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=2.5V, ID=3A
25
45
mΩ
Forward Transconductance
gFS
VDS=5V,ID=4A
10
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
800
PF
Output Capacitance
Coss
155
PF
Reverse Transfer Capacitance
Crss
VDS=8V,VGS=0V,
F=1.0MHz
125
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
18.3
nS
Turn-on Rise Time
tr
4.8
nS
Turn-Off Delay Time
td(off)
43.5
nS
Turn-Off Fall Time
tf
VDD=10V,ID=1A
VGS=4V,RGEN=10Ω
20
nS
Total Gate Charge
Qg
11
nC
Gate-Source Charge
Qgs
2.2
nC
Gate-Drain Charge
Qgd
VDS=10V,ID=4A,
VGS=4V
2.5
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=2A
0.8
1.2
V
Diode Forward Current (Note 2)
IS
2
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com