Electronic Components Datasheet Search
  English  ▼

X  

RCMX02 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCMX02
Description  Molded Metal Film High Ohmic Value (to 50 Mohm) Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMX02 Datasheet(HTML) 2 Page - Vishay Siliconix

  RCMX02 Datasheet HTML 1Page - Vishay Siliconix RCMX02 Datasheet HTML 2Page - Vishay Siliconix RCMX02 Datasheet HTML 3Page - Vishay Siliconix RCMX02 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RCMX02, RCMX05, RCMX1
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
2
Document Number: 52008
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER RATING
PRACTICAL OPERATING TOLERANCES
After 1000 h load life at rated power 90'/30' cycles + 70 °C
ambient temperature, the typical total drifts, measured at
+ 70 °C, are as follows:
Typical total drift = drift due to TCR (K3) + life drift 0.5 %.
Maximum deviation from rated ohmic value including ± 1 %
manufacturing tolerance
 1.5 %.
TEMPERATURE RISE
MARKING
Printed: Vishay Sfernice trademark, series, style, ohmic
value (in
), tolerance (in %), temperature coefficient,
manufacturing date. Due to lack of space RCMX02 is
printed MX02.
PERFORMANCE
ACCORDING TO CECC 40 101043
TYPICAL VALUES
AND DRIFTS
TESTS
CONDITIONS
REQUIREMENTS
Load Life at Max. Category
Temperature
1000 h at 125 °C 33 % of Pn
 ± 1 %
Insulation resistance > 1 G
± 2 % at 1000 h
Insulation resistance 106 M
Short Time Overload
2.5 Um/5 s, limited to 2 Un
 ± 0.25 %
± 0.5 %
Damp Heat Humidity
(Steady State)
10 days
with low load
 ± 1 %
Insulation resistance > 102 M
± 1.5 %
Rapid Temperature Change
- 55 °C + 125 °C
 ± 0.25 %
± 0.25 %
Climatic Sequence
- 55 °C + 125 °C
severity 1
 ± 1 %
Insulation resistance > 100 M
± 1 %
Insulation resistance 106 M
Terminal Strength
Pull - twist - 2 bends
 ± 0.25 %
± 0.05 %
Vibration
10 Hz to 500 Hz
 ± 0.25 %
± 0.05 %
Soldering (Thermal Shock)
+ 260 °C 10 s
 ± 0.25 %
± 0.1 %
Load Life
Cycle 90’/30’
1000 h at Pn at 70 °C
 ± 1 %
Insulation resistance > 1 G
± 0.5 %
Insulation resistance 106 M
Shelf Life
1 year ambient temperature
-
± 0.25 %
AMBIENT TEMPERATURE IN °C
100
50
33
0
0
30
50
70
100
125
150
RATED POWER IN W
20
25
15
10
5
0
0
0.25
0.5
0.75
1
RCMX01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com