Electronic Components Datasheet Search
  English  ▼

X  

MT8920BC Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT8920BC
Description  ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8920BC Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT8920BC Datasheet HTML 13Page - Mitel Networks Corporation MT8920BC Datasheet HTML 14Page - Mitel Networks Corporation MT8920BC Datasheet HTML 15Page - Mitel Networks Corporation MT8920BC Datasheet HTML 16Page - Mitel Networks Corporation MT8920BC Datasheet HTML 17Page - Mitel Networks Corporation MT8920BC Datasheet HTML 18Page - Mitel Networks Corporation MT8920BC Datasheet HTML 19Page - Mitel Networks Corporation MT8920BC Datasheet HTML 20Page - Mitel Networks Corporation MT8920BC Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
CMOS
MT8920B
3-19
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25
°C, V
DD=5V, tCLK=244 ns, tCH=tCL=122 ns and are for design aid only: not guaranteed and not subject to production
testing.
††The cycle is initiated by the falling edge of CS or DS, whichever occurs last. Timing is relative to the last falling edge which initiates the cycle.
(1) tcwm is equal to tCH or tCL whichever is smaller (some ST-BUS compatible transceivers may generate C4 clock having tCHmin=70ns
or tCLmin=70ns.
(2) Worst case access when memory contention occurs.
Figure 14 - Mode 1 Parallel Bus Timing
† During Interrupt Acknowledge cycle IACK replaces CS. R/W must remain high.
AC Electrical Characteristics†- Mode 1 Parallel Bus Timing (see Fig. 14)
(VCC=5.0V ±5%,TA=-40 to 85°C)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Address to DS (CS) Low††
tARDS
0ns
2R/W to DS (CS) Low††
tRWDS
20
ns
3
DS (CS) Low to DTACK Low††
tRDS
1,2
tcwm
tCLK
2*tCLK
ns
Load C
4
Valid Data to DTACK Low (Read)
tRD
tcwm
-30
ns
Load A, CL=130pF, RL=740Ω
5
DS High to DTACK High
tDAR
65
ns
Load C, CL=50pF
6
DS High to Data High Imped.(Read)
tDHZ
045
ns
Load A, CL=130pF, RL=740Ω
7
DS High to CS High
tCSH
0ns
8
Data Hold Time (Write)
tDHT
0ns
9
Input Data Valid after DS
tDST
tcwm
-30
ns
10
Address Hold Time††
tADHT
50
ns
A0 - A5
CS (IACK†)
R/W
DS
DTACK
D0 - D7
D0 - D7
tADHT
tARDS
tRWDS
tRDS
tRD
tDST
tDHT
DATA IN
DATA OUT
tDHZ
tDAR
tCSH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com