Electronic Components Datasheet Search
  English  ▼

X  

MT8924AS Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8924AS
Description  PCM Conference Circuit (PCC) Preliminary Information
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8924AS Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8924AS Datasheet HTML 1Page - Mitel Networks Corporation MT8924AS Datasheet HTML 2Page - Mitel Networks Corporation MT8924AS Datasheet HTML 3Page - Mitel Networks Corporation MT8924AS Datasheet HTML 4Page - Mitel Networks Corporation MT8924AS Datasheet HTML 5Page - Mitel Networks Corporation MT8924AS Datasheet HTML 6Page - Mitel Networks Corporation MT8924AS Datasheet HTML 7Page - Mitel Networks Corporation MT8924AS Datasheet HTML 8Page - Mitel Networks Corporation MT8924AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
8-3
®
Features
•
Supports up to 10 independent conferences for
up to 32 PCM Voice Channels
•
ST-BUS compatible 2.048 Mb/s PCM Serial
Interface (also supports 1.536 Mb/s and 1.544
Mb/s data rates)
•
Per channel digital gain control (0/-3/-6 dB)
•
Parallel microprocessor port for device control
•
Programmable noise suppression
•
External Tone Input
•
Pin selectable A/
µ-Law format
•
Low power CMOS technology
•
Available in 24 Pin PDIP and SOIC packages
Applications
•
Digital PBX / KTS
•
Conference bridges
•
Digital C.O. switches
Description
The MT8924 is designed to provide conference call
capability in digital switching systems. It allows up to
10 independent conferences to be set for up to 32
PCM voice channels.
A/
µ-Law companded data from the PCM input port is
converted to linear format, processed by a dedicated
arithmetic unit, re-converted to companded format
and then sent to the PCM output port.The PCM
output signal contains all the information of each
channel connected in conference except its own.
Programmable attenuation and noise suppression
are provided for channels connected in conference
or transparent mode. Additionally, an input for an
external tone is featured that can be used as a signal
to indicate to connected parties that they are on a
conference call.
Figure 1 - Functional Block Diagram
ISSUE 1
April 1994
Parallel-to-Serial
Conversion
Conversion
Linear
to
µ/A-Law
µ/A-Law
to
Linear
Attenuation/Noise Suppression
Channel RAM
Serial-to-Parallel
DSTo
DSTi
Cki
F0i
Cko
D0-D7
TD
TF
OS
A/
µ
RESET
WR
RD
CS
C/D
Overflow
and
Adder
Timebase
PCM Tone
Control
Ordering Information
MT8924AE
24 Pin Plastic DIP (600 mil)
MT8924AS
24 Pin SOIC
0°C to +70°C
Generator
PCM Mode
Control
MT8924
PCM Conference Circuit (PCC)
Preliminary Information


Similar Part No. - MT8924AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8924AS MITEL-MT8924AS Datasheet
132Kb / 14P
PCM Conference Circuit (PCC) Preliminary Information
More results

Similar Description - MT8924AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34116 STMICROELECTRONICS-M34116 Datasheet
374Kb / 23P
PCM CONFERENCE CALL AND TONE GENERATION CIRCUIT
Jan-1995
logo
Mitel Networks Corporat...
MH88400 MITEL-MH88400 Datasheet
120Kb / 10P
Line Interface Circuit Preliminary Information
MH88422 MITEL-MH88422 Datasheet
121Kb / 12P
Line Interface Circuit Preliminary Information
MH88612C MITEL-MH88612C Datasheet
66Kb / 8P
Subscriber Line Interface Circuit Preliminary Information
MH88632 MITEL-MH88632 Datasheet
156Kb / 18P
Central Office Interface Circuit Preliminary Information
MH88632B MITEL-MH88632B Datasheet
95Kb / 17P
Central Office Interface Circuit Preliminary Information
MH89625C MITEL-MH89625C Datasheet
133Kb / 16P
OPS/DID PCM SLIC Preliminary Information
MT8924 MITEL-MT8924 Datasheet
132Kb / 14P
PCM Conference Circuit (PCC) Preliminary Information
MH88634-2 MITEL-MH88634-2 Datasheet
164Kb / 12P
Central Office Interface Circuit Preliminary Information
logo
Motorola, Inc
MC145611 MOTOROLA-MC145611 Datasheet
45Kb / 1P
PCM conference Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com