Electronic Components Datasheet Search
  English  ▼

X  

MT8926AE Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT8926AE
Description  ISO-CMOS ST-BUS??FAMILY T1 Performance Monitoring Adjunct Circuit (PMAC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8926AE Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT8926AE Datasheet HTML 13Page - Mitel Networks Corporation MT8926AE Datasheet HTML 14Page - Mitel Networks Corporation MT8926AE Datasheet HTML 15Page - Mitel Networks Corporation MT8926AE Datasheet HTML 16Page - Mitel Networks Corporation MT8926AE Datasheet HTML 17Page - Mitel Networks Corporation MT8926AE Datasheet HTML 18Page - Mitel Networks Corporation MT8926AE Datasheet HTML 19Page - Mitel Networks Corporation MT8926AE Datasheet HTML 20Page - Mitel Networks Corporation MT8926AE Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
4-19
MT8926
Applications
Figure 9 illustrates a typical application of a MT8926
PMAC. T1 data is transmitted and received using a
generic Line Interface Unit (LIU). The LIU passes the
received data and extracted clock to both the
MT8926 and MT8976. E8Ko (MT8976) is derived
from E1.5i by dividing it by 193 and aligning the
result with the receive framing. E8Ko (MT8976)
connects to E8Ki (MT8926), and is used by the
MT8926 for frame alignment. E8Ko (MT8926) is
connected to C8Kb of the MT8941. In MT8941
normal mode, C8Kb is the reference clock for the ST-
BUS and transmit signals (F0, C4 and C2). This 8
kHz output can be turned off (output high) at the
MT8926 so the MT8941 reference clock can be
derived from another interface. The intrinsic jitter
(typical 0.07 UI) and jitter attenuation of the MT8941
will meet T1.408 requirements (see MT8941 data
sheet).
Control of the MT8926 is accomplished over the
CSTi1 ST-BUS stream, which is shared by the
MT8926 and MT8976. Status data (Performance
Monitoring Information) is inserted into the MT8976
CSTo stream by the MT8926 and is output on its
CSTo stream. This CSTo stream data is routed
through the MT8980 switch, in message mode, to the
microprocessor. The microprocessor will assemble
the
information
section
of
the
T1.403/T1.408
message-oriented signal and pass it to the MT8952
HDLC controller for transmission over the facility
data link. The MT8952 must be in external timing
mode and will be clocked by the RxFDLCLK output
to the MT8976. The assembly and transmission of
the message-oriented signal is under control of the
1SEC output of the MT8926.
Bit-oriented messages are also transmitted and
received via MT8980 message mode access to the
CSTi1 and CSTo streams. The MT8926 will receive
bit-oriented messages from the receive T1 line (i.e.,
RxA and RxB). Both bit-oriented and message-
oriented signals are transmitted over the MT8926
FDLo to MT8976 TxFDL link.
Payload
loopback
is
performed
by
internally
connecting DSTi1 to DSTo of the MT8926 (under
control of the CSTi1 stream), instead of the normal
connection of DSTi0 to DSTo (see Figure 6).
IRQ is an open drain interrupt output that will signal
the microprocessor when an exception condition
occurs (see Figure 8). Exception conditions are
Figure 9 - Typical T1.403/T1.408 Application
From
other
interfaces
To/From
other
interfaces
Performance
Monitoring
Message/
Data
Storage
CDSTo
CDSTi
CKi
T1.403/T1.408
Message-Oriented
Signal Control
INT0
INT1
µP
MT8952
MT8926
MT8941
MT8976
4.7k
Ω
VDD
STi2
STo3
•
•
•
STo7
STi7
C4i
F0i
STo0
STo1
STi0
STo2
STi1
•
•
•
••
16.384
MHz
Osc.
C8Kb
C4b C2o F0b
F0i CVb
12.352
MHz
Osc.
To other T1
Interfaces
Line
Interface
Unit
(LIU)
RxA
RxB
E1 5i
F0i
C2i
CSTi1
E8Ko
CSTo
TxFDL
DSTi
DSTo
CSTi0
RxFDL
RxFDLCLK
TxFDLCLK
RxSF
TxSF
XCtl
C1.5i
TxA
TxB
RxA
RxB
ECLK
F0i
C2i
CSTi1
E8Ki
CSTi0
FDLo
DSTo
E8Ko
CSTo
DSTi0
DSTi1
IRQ
1SEC
FDLi
To other
Interfaces
T1
Receive
T1
Transmit
}
MT8980



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com