Electronic Components Datasheet Search
  English  ▼

X  

MT8930CP Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8930CP
Description  CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8930CP Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8930CP Datasheet HTML 1Page - Mitel Networks Corporation MT8930CP Datasheet HTML 2Page - Mitel Networks Corporation MT8930CP Datasheet HTML 3Page - Mitel Networks Corporation MT8930CP Datasheet HTML 4Page - Mitel Networks Corporation MT8930CP Datasheet HTML 5Page - Mitel Networks Corporation MT8930CP Datasheet HTML 6Page - Mitel Networks Corporation MT8930CP Datasheet HTML 7Page - Mitel Networks Corporation MT8930CP Datasheet HTML 8Page - Mitel Networks Corporation MT8930CP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
MT8930C
Preliminary Information
9-36
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
DIP
PLCC
12
HALF
HALF Input/Output: this is an input in NT mode and an output in TE mode identifying
which half of the S-interface frame is currently being written/read over the ST-BUS
(HALF = 0 sampled on the falling edge of C4b within the frame pulse low window,
identifies the information to be transmitted/received in the first half of the S-Bus frame
while HALF = 1 identifies the information to be transmitted/received into the second half
of the S-Bus frame). Tying this pin to VSS or VDD in NT mode will allow the device to
free run. This signal can also be accessed from the ST-BUS C-channel.
2
3
C4b
4.096 MHz Clock: a 4.096 MHz ST-BUS Data Clock input in NT mode.
In TE mode, a 4.096 MHz output clock phase-locked to the line data signal.
34
F0b
Frame Pulse: an active low frame pulse input indicating the beginning of active ST-
BUS channel times in NT mode. Frame pulse output in TE mode.
47
F0od
Delayed Frame Pulse Output: an active low delayed frame pulse output indicating
the end of active ST-BUS channels for this device.
Can be used to daisy chain
to other ST-BUS devices to share an ST-BUS stream.
5
8
DSTi
Data ST-BUS Input: a 2048 kbit/s serial PCM/data ST-BUS input with D, C, B1, and B2
channels assigned to the first four timeslots. These channels contain data to be
transmitted on the line and chip control information.
69
DSTo
Data ST-BUS Output: a 2048 kbit/s serial PCM/data ST-BUS output with D, C, B1 and
B2 channels assigned to the first four timeslots respectively. The remaining timeslots
are placed into high impedance. These channels contain data received from the line
and chip status information.
713
Cmode
Controller Mode Select Input: when high, microprocessor control is selected. When
low the controllerless mode is enabled and the microport pins are redefined as control
inputs and status outputs.
8
14
CK/NT
TE Clock/Network Termination Mode Select Input. For TE mode, this pin must be
tied to V
SS or to a 4.096 MHz
clock (a clock is required for standard ISDN TE
applications). For NT mode, this pin must be tied to VDD. Refer to “ST-BUS Interface”
section for further explanation. A pull-up resistor is needed when driven by a TTL
device.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21
HALF
C4b
F0b
F0od
DSTi
DSTo
Cmode
CK/NT
R/W/WR, AFT/PRI
DS/RD, DinB
AS/ALE, P/SC
CS, DReq
IRQ/NDA, DCack
VSS
VDD
VBias
LTx
LRx
STAR/Rsto
Rsti
AD7, DR
AD6, AR
AD5, M/S
AD4, MCH
AD3, MFR
AD2, SYNC/BA
AD1, IS1
AD0, IS0
28 PIN PDIP/CERDIP
44 PIN PLCC
NC
STAR/Rsto
Rsti
NC
AD7, DR
AD6, AR
NC
AD5, M/S
AD4, MCH
AD3, MFR
NC
F0od
DSTi
DSTo
NC
NC
NC
Cmode
CK/NT
NC
R/W/WR, AFT/PRI
DS/RD, DinB
1
6 5 4 3 2
444342 41 40
7
8
9
10
11
12
13
14
15
16
39
38
37
36
35
34
33
32
31
30
23
18 19 20 21 22
24 25 26 27 28
17
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com