Electronic Components Datasheet Search
  English  ▼

X  

MT8940AE Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT8940AE
Description  ISO-CMOS ST-BUS??FAMILY T1/CEPT Digital Trunk PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8940AE Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT8940AE Datasheet HTML 2Page - Mitel Networks Corporation MT8940AE Datasheet HTML 3Page - Mitel Networks Corporation MT8940AE Datasheet HTML 4Page - Mitel Networks Corporation MT8940AE Datasheet HTML 5Page - Mitel Networks Corporation MT8940AE Datasheet HTML 6Page - Mitel Networks Corporation MT8940AE Datasheet HTML 7Page - Mitel Networks Corporation MT8940AE Datasheet HTML 8Page - Mitel Networks Corporation MT8940AE Datasheet HTML 9Page - Mitel Networks Corporation MT8940AE Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MT8940 ISO-CMOS
3-32
F0b (refer to Figure 15). Otherwise, the input on pin
F0b will have no bearing on the operation of DPLL
#2, unless it is in FREE-RUN mode as selected by
MS0 and MS1. In FREE-RUN mode, the input on
F0b is treated the same way as the C8Kb input in
NORMAL mode. The frequency of the input signal on
F0b should be 16 kHz for DPLL #2 to provide the ST-
BUS compatible clocks at 4.096 MHz and 2.048
MHz.
When MS2 is HIGH, the F0b pin provides the ST-
BUS frame pulse output locked to the 8kHz internal
or external signal as determined by the other mode
select pins MS0, MS1 and MS3.
Table 4 summarizes the modes of the two DPLLs. It
should be noted that each of the major modes
selected for DPLL #2 can have any of the minor
modes, although some of the combinations are
functionally similar. The required operation of both
DPLL#1 and DPLL#2 must be considered when
determining MS0-MS3.
Table 4. Summary of Modes of Operation - DPLL #1 and #2
M
O
D
E
#
MS
0
MS
1
MS
2
MS
3
Operating Modes
DPLL #1
DPLL #2
0
0000
NORMAL MODE
Properly phase related External 4.096 MHz
clock and 8 kHz frame pulse provide the ST-
BUS clock at 2.048 MHz.
1
0001
NORMAL MODE
NORMAL MODE
F0b is an input but has no function in this mode.
2
0010
NORMAL MODE
External 4.096 MHz provides the ST-BUS clock
and Frame Pulse at 2.048 MHz and 8 kHz,
respectively.
3
0011
NORMAL MODE:
Provides the T1 (1.544 MHz) clock
synchronized to the falling edge of the
input frame pulse (F0i).
NORMAL MODE:
Provides the CEPT/ST-BUS compatible timing
signals locked to the 8 kHz input signal (C8Kb).
4
0100
DIVIDE-1 MODE
Same as mode ‘0’.
5
0101
DIVIDE-1 MODE
SINGLE CLOCK-1 MODE
F0b is an input, but has no function in this
mode.
6
0110
DIVIDE-1 MODE
Same as mode 2.
7
0111
DIVIDE-1 MODE:
Divides the CVb input by 193. The divided
output is connected to DPLL #2.
SINGLE CLOCK-1 MODE:
Provides the CEPT/ST-BUS compatible timing
signals locked to the 8 kHz internal signal
provided by DPLL #1.
8
1000
NORMAL MODE
Same as mode ‘0’.
9
1001
NORMAL MODE
F0b is an input and DPLL #2 locks on to
it only if it is at 16 kHz to provide the ST-BUS
control signals.
10
1010
NORMAL MODE
Same as mode 2.
11
1011
NORMAL MODE
Provides the T1 (1.544 MHz) clock
synchronized to the falling edge of input frame
pulse (F0i).
FREE-RUN MODE:
Provides the ST-BUS timing signals with no
external inputs except the master clock.
12
1100
DIVIDE-2 MODE
Same as mode ‘0’.
13
1101
DIVIDE-2 MODE
SINGLE CLOCK-2 MODE:
F0b is an input, but has no function in this
mode.
14
1110
DIVIDE-2 MODE
Same as mode 2.
15
1111
DIVIDE-2 MODE:
Divides the CVb input by 256. The divided
output is connected to DPLL#2.
SINGLE CLOCK-2 MODE:
Provides the CEPT/ST-BUS compatible timing
signals locked to the 8 kHz internal signal
provided by DPLL #1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com