Electronic Components Datasheet Search
  English  ▼

X  

RNX Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RNX
Description  Metal Oxide Resistors, Special Purpose, High Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RNX Datasheet(HTML) 1 Page - Vishay Siliconix

  RNX Datasheet HTML 1Page - Vishay Siliconix RNX Datasheet HTML 2Page - Vishay Siliconix RNX Datasheet HTML 3Page - Vishay Siliconix RNX Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RNX
www.vishay.com
Vishay Dale
Revision: 19-Sep-12
1
Document Number: 31032
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Metal Oxide Resistors, Special Purpose, High Voltage
FEATURES
• Low TCR: ± 200 ppm/°C standard;
± 100 ppm/°C; ± 50 ppm/°C available
• Tolerance: ± 1 % standard to 1 G
; ± 5 %
above 1 G
; ± 0.5 % available in ± 50 ppm/°C
only.
Special tolerance and/or temperature
coefficient matching available.
• High voltage (up to 8 kV)
• For oil bath or open air operation
• Matched sets available
• Special testing available upon request
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* Lead (Pb)-containing terminations are not RoHS-compliant.
Exemptions may apply.
Notes
• All resistance values are calibrated at 100 VDC. Calibration at other voltages available.
• Part marking: Print marked - DALE, model, value, tolerance, TCR, date code (model and date omitted on RNX-1/4)
• Special modifications:
- Special preconditioning (power aging, temperature cycling etc.) to customer specifications
- Non-helixed resistors can be supplied for critical high frequency applications (non-inductive)
(1) Increase wattage by 25 % for 0.032" (0.813 mm) diameter leads
(2) Continuous working voltage shall be
or maximum working voltage, whichever is less.
(3) For resistance values above and below those listed please contact us
(4) Non-inductive ± 200 ppm/°C TCR only
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
MAXIMUM
WORKING
VOLTAGE (2)
V
RESISTANCE
RANGE (3)
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
P25 °C (1)
W
P70 °C (1)
W
P125 °C (1)
W
RNX025
RNX-1/4
0.5
0.36
0.25
750
1M to 22M
0.5, 1, 2, 5, 10
50
1K to 100M
1, 2, 5, 10
100, 200
100 to 100K
1, 2, 5, 10
Non-inductive (4)
RNX038
RNX-3/8
1.0
0.72
0.5
1.5K
1M to 50M
0.5, 1, 2, 5, 10
50
1K to 100M
1, 2, 5, 10
100
1K to 1G
1, 2, 5, 10
200
100 to 100K
1, 2, 5, 10
Non-inductive (4)
RNX050
RNX-1/2
1.2
0.86
0.6
2K
1M to 100M
0.5, 1, 2, 5, 10
50
1K to 250M
1, 2, 5, 10
100
1K to 2G
1, 2, 5, 10
200
100 to 100K
1, 2, 5, 10
Non-inductive (4)
RNX075
RNX-3/4
2.0
1.44
1.0
3K
1M to 100M
0.5, 1, 2, 5, 10
50
1K to 500M
1, 2, 5, 10
100
1K to 2G
1, 2, 5, 10
200
100 to 100K
1, 2, 5, 10
Non-inductive (4)
RNX100
RNX-1
2.5
1.8
1.25
4K
1M to 100M
0.5, 1, 2, 5, 10
50
1K to 500M
1, 2, 5, 10
100
1K to 2G
1, 2, 5, 10
200
100 to 1M
1, 2, 5, 10
Non-inductive (4)
RNX125
RNX-1-1/4
3.0
2.16
1.5
5K
1K to 500M
1, 2, 5, 10
100
1K to 2G
1, 2, 5, 10
200
100 to 1M
1, 2, 5, 10
Non-inductive (4)
RNX150
RNX-1-1/2
4.0
2.88
2.0
6K
1K to 500M
1, 2, 5, 10
100
1K to 2G
1, 2, 5, 10
200
100 to 1M
1, 2, 5, 10
Non-inductive (4)
RNX200
RNX-2
5.0
3.6
2.5
8K
1K to 500M
1, 2, 5, 10
100
1K to 2G
1, 2, 5, 10
200
100 to 1M
1, 2, 5, 10
Non-inductive (4)
P x R


Similar Part No. - RNX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RNx02-0.3-02 ETC2-RNx02-0.3-02 Datasheet
700Kb / 6P
Current-compensated Chokes
May 2011
RNX02-0.3-02 ETC2-RNX02-0.3-02 Datasheet
235Kb / 6P
Current-compensated Chokes
RNx02-0.6-02 ETC2-RNx02-0.6-02 Datasheet
700Kb / 6P
Current-compensated Chokes
May 2011
RNX02-0.6-02 ETC2-RNX02-0.6-02 Datasheet
235Kb / 6P
Current-compensated Chokes
RNx02-1-02 ETC2-RNx02-1-02 Datasheet
700Kb / 6P
Current-compensated Chokes
May 2011
More results

Similar Description - RNX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RDX VISHAY-RDX Datasheet
71Kb / 3P
Metal Oxide Resistors Special Purpose, High Voltage, Ratio Divider
19-Nov-10
RJU VISHAY-RJU Datasheet
95Kb / 3P
Metal Oxide Resistors, Special Purpose High Power, Ultra High Value
09-Sep-04
HVW VISHAY-HVW Datasheet
78Kb / 3P
Metal Alloy Resistors, Special Purpose, High Voltage
21-Aug-06
logo
IRC - a TT electronics ...
MO-11001JLF IRCTT-MO-11001JLF Datasheet
459Kb / 1P
METAL OXIDE RESISTORS
logo
Panasonic Semiconductor
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
logo
Vishay Siliconix
RNX0381M00FKEL VISHAY-RNX0381M00FKEL Datasheet
88Kb / 4P
Metal Oxide Resistors, Special Purpose, High Voltage
19-Sep-12
logo
List of Unclassifed Man...
Z660PA100C ETC2-Z660PA100C Datasheet
58Kb / 1P
SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
logo
Panasonic Semiconductor
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
logo
Vishay Siliconix
CMFFUSE VISHAY-CMFFUSE Datasheet
108Kb / 3P
Metal Film Resistors, Special Purpose, Fusible, Flameproof
ROX VISHAY-ROX Datasheet
168Kb / 5P
Metal Oxide Resistors, Special Purpose, High Voltage
23-Dec-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com