Electronic Components Datasheet Search
  English  ▼

X  

MT8950AC Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8950AC
Description  ISO-CMOS ST-BUS??FAMILY Data Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8950AC Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8950AC Datasheet HTML 1Page - Mitel Networks Corporation MT8950AC Datasheet HTML 2Page - Mitel Networks Corporation MT8950AC Datasheet HTML 3Page - Mitel Networks Corporation MT8950AC Datasheet HTML 4Page - Mitel Networks Corporation MT8950AC Datasheet HTML 5Page - Mitel Networks Corporation MT8950AC Datasheet HTML 6Page - Mitel Networks Corporation MT8950AC Datasheet HTML 7Page - Mitel Networks Corporation MT8950AC Datasheet HTML 8Page - Mitel Networks Corporation MT8950AC Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MT8950 ISO-CMOS
6-4
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1CSTi
Control ST-BUS In (TTL Input) - This ST-BUS interface pin accepts a serial input
stream which loads the Control Register.
The mode of operation of the
device, the bits in the Violation word, and, the resetting of Data Activity (DA) and
Scan Point output (SPo) are controlled by this register. The contents of the register
are updated once every ST-BUS frame when the interface is enabled.
2DSTi
Data ST-BUS In (TTL Input) - Accepts the 8 bits of TEM Data when the ST-BUS
interface is enabled.
3C2i
2.048 MHz Clock (TTL Input) - This is the input for the 2.048 MHz clock.
4
DSTo
ST-BUS Output (Three-State Output) - This is the 2.048 Mbps serial output for
theTEM encoded word. It is enabled when both F1i and CA are low.
5F1i
Framing Type 1 Input (TTL Input) - This active low input, in conjunction with CA,
enables the ST-BUS interface (DSTi, DSTo and CSTi). It is internally sampled on
every positive edge of the C2i clock and provides frame synchronization.
6CA
Control Address (TTL Input) - This active low input (in conjunction with F1i)
enables the ST-BUS interface.
7DF
Data Format Select (CMOS Input) - When HIGH, the Data Codec accepts and
delivers the data in unipolar Return to Zero (RZ) format. When LOW, the data
format is unipolar NRZ.
8RxE
Received Energy Signal (Schmitt Input) - When RxE goes LOW it establishes the
polarity of the input pins DX1 and DX2 in the RZ mode. The input which received the
last pulse before RxE goes LOW is established as the unipolar MARK input. RxE
also enables the operation of DA and SPo outputs the loopback modes (Modes 4, 5
and 6) of the codec, RxE is forced to the LOW state internally independent of the pin
condition. RxE should be exerted LOW for the duration of a data call.
9DX1
Data Transmit 1 (Schmitt Input) - If DF= LOW, accepts data in the NRZ format.
(HIGH = MARK, LOW = SPACE).
If DF=HIGH, accepts active low unipolar pulses representing the digital data in the
RZ format. MARK or SPACE polarity is established by the RxE input.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
CSTi
DSTi
C2i
DSTo
F1i
CA
DF
RxE
DX1
DX2
NRZo
VSS
VDD
NC
PRST
NC
NC
DR1
DR2
DA
SPo
SPi
DP
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com