Electronic Components Datasheet Search
  English  ▼

X  

SFM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFM
Description  Thin Film Top-Contact Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFM Datasheet(HTML) 1 Page - Vishay Siliconix

  SFM Datasheet HTML 1Page - Vishay Siliconix SFM Datasheet HTML 2Page - Vishay Siliconix SFM Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SFM
www.vishay.com
Vishay Electro-Films
Revision: 25-Feb-13
1
Document Number: 61017
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Top-Contact Resistor
Product may not be to scale
The SFM series single-value resistor chips offer a small size,
wide ohmic value range and excellent power capacity.
The SFMs tantalum nitride resistor material offers excellent
resistance to high moisture environments.
The SFMs are manufactured using Vishay Electro-Films
(EFI) sophisticated thin film equipment and manufacturing
technology. The SFMs are 100 % electrically tested and
visually inspected to MIL-STD-883.
FEATURES
• Wire bondable
• Small size: 0.020 inches square
• Case: 0202
• Resistance range: 1.0
 to 1 M
• DC power rating: 250 mW
• Oxidized silicon substrate for good power dissipation
• Resistor material tantalum nitride, self passivating
• Moisture resistant
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Vishay EFI SFM top-contact resistor chips are designed to
handle substantial power loads in many types of hybrid
packages. They are ideally suited for this purpose because
of their small size.
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
1 to 1M
Standard Tolerances
± 0.1, ± 0.5, ± 1
%
TCR
± 25, ± 50, ± 100, ± 250
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
100
 to 250 k
< 100
 or > 251 k
- 35 typ.
- 20 typ.
dB
Moisture Resistance, MIL-STD-202 Method 106
± 0.5 max.
R/R
%
Stability, 1000 h, + 125 °C, 125 mW
± 0.25 max.
R/R
%
Operating Temperature Range
- 55 to + 150
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.25 max.
R/R
%
High Temperature Exposure, + 150 °C, 100 h
± 0.5 max.
R/R
%
Dielectric Voltage Breakdown
200
V
Insulation Resistance
1012 min.
Operating Voltage
100 max.
V
DC Power Rating at + 70 °C (Derated to zero at + 175 °C)
0.250
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.25 max.
R/R
%
1
Ω
30
Ω
200 k
Ω 360 kΩ
0.1 %
Tightest Standard Tolerance Available
± 50 ppm/°C
± 250 ppm/°C
± 100 ppm/°C
± 25 ppm/°C
10
Ω
100
Ω
620 k
Ω 1 MΩ
1 %
0.5 %


Similar Part No. - SFM

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SFM-03X-RAB LUMINUS-SFM-03X-RAB Datasheet
1Mb / 16P
Projection Dual Red-Blue LED
Rev 01
SFM-03X-RAB-J30-MPA LUMINUS-SFM-03X-RAB-J30-MPA Datasheet
1Mb / 16P
Projection Dual Red-Blue LED
Rev 01
SFM-03X-RAB-J30-MPZ LUMINUS-SFM-03X-RAB-J30-MPZ Datasheet
1Mb / 16P
Projection Dual Red-Blue LED
Rev 01
SFM-06X-RAB LUMINUS-SFM-06X-RAB Datasheet
1Mb / 15P
Projection LED
2021
SFM-06X-RAB-J30-MPA LUMINUS-SFM-06X-RAB-J30-MPA Datasheet
1Mb / 15P
Projection LED
2021
More results

Similar Description - SFM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
BCR VISHAY-BCR_15 Datasheet
77Kb / 3P
Thin Film, Back-Contact Resistor
25-Feb-13
MSFM VISHAY-MSFM Datasheet
82Kb / 3P
Thin Film, Top-Contact Miniature Resistor
26-Jan-15
QFM VISHAY-QFM Datasheet
75Kb / 3P
Thin Film, Top-Contact Resistor
05-Apr-13
QFN VISHAY-QFN Datasheet
77Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
QFX VISHAY-QFX Datasheet
75Kb / 3P
Thin Film, Top-Contact Megohm Resistor
05-Apr-13
SC3 VISHAY-SC3_15 Datasheet
138Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
SFN VISHAY-SFN Datasheet
96Kb / 3P
NiCr Thin Film, Top-Contact Resistor
11-Sep-13
SFP VISHAY-SFP Datasheet
88Kb / 3P
Thin Film Top-Contact Resistor with Part Mark
04-Mar-13
SFX VISHAY-SFX Datasheet
74Kb / 3P
Thin Film, Top-Contact Megohm Resistor
04-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com