Electronic Components Datasheet Search
  English  ▼

X  

SFN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFN
Description  NiCr Thin Film, Top-Contact Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFN Datasheet(HTML) 1 Page - Vishay Siliconix

  SFN Datasheet HTML 1Page - Vishay Siliconix SFN Datasheet HTML 2Page - Vishay Siliconix SFN Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SFN
www.vishay.com
Vishay Electro-Films
Revision: 11-Sep-13
1
Document Number: 61025
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NiCr Thin Film, Top-Contact Resistor
Product may not be to scale
The SFN series resistor chips offer a combination of
nichrome stability, good power rating and small size.
The SFNs are manufactured using Vishay Electro-Films (EFI)
sophisticated thin film equipment and manufacturing
technology. The SFNs are 100 % electrically tested and
visually inspected to MIL-STD-883, method 2032, class H or
class K.
FEATURES
• Wire bondable
• Chip size: 20 inches square
• Case: 0202
• Resistance range: 10
 to 510 k
• Resistor material: Nichrome
• Oxidized silicon substrate
• 125 mW power
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Vishay EFI SFN resistor chips are widely used in hybrid
packages where space is limited. Designed with capacity to
handle substantial power loads, they also have the benefit of
nichrome stability.
Recommended for hermetic environments where die is not
exposed to moisture.
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
20 to 510K
Standard Tolerances
± 0.1
%
TCR
± 10, ± 25, ± 50, ± 100
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
100
 to 250 k
< 100
 or > 251 k
-35 typ.
-20 typ.
dB
Stability, 1000 h, +125 °C, 50 mW
± 0.25 max.
R/R
%
Operating Temperature Range
-55 to +125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.25 max.
R/R
%
High Temperature Exposure, +150 °C, 100 h
± 0.5 max.
R/R
%
Dielectric Voltage Breakdown
200
V
Insulation Resistance
1012 min.
Operating Voltage
100 max.
V
DC Power Rating at +70 °C (Derated to Zero at +175 °C)
0.125
W
5 x Rated Power Short-Time Overload, +25 °C, 5 s
± 0.25 max.
R/R
%
20
Ω
1 k
Ω
0.1 %
Tightest Standard Tolerance Available
± 25 ppm/°C
± 100 ppm/°C
± 50 ppm/°C
± 10 ppm/°C
50
Ω 100 Ω
510 k
Ω


Similar Part No. - SFN

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SFN TTELEC-SFN Datasheet
159Kb / 3P
Isolated and bussed circuits
logo
Eravant
SFN-55371318-15KFSF-N1-M ERAVANT-SFN-55371318-15KFSF-N1-M Datasheet
629Kb / 2P
V-Band Subharmonic Single Sideband Modulator, 55 to 71 GHz
logo
TT Electronics.
SFN08A TTELEC-SFN08A Datasheet
85Kb / 3P
Isolated and bussed circuits Thin film resistor network RoHS compliant available
SFN08B TTELEC-SFN08B Datasheet
85Kb / 3P
Isolated and bussed circuits Thin film resistor network RoHS compliant available
logo
KODENSHI_AUK CORP.
SFN10A200 KODENSHI-SFN10A200 Datasheet
259Kb / 5P
Ultrafast Recovery Power Rectifier
More results

Similar Description - SFN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
BCR VISHAY-BCR_15 Datasheet
77Kb / 3P
Thin Film, Back-Contact Resistor
25-Feb-13
MSFM VISHAY-MSFM Datasheet
82Kb / 3P
Thin Film, Top-Contact Miniature Resistor
26-Jan-15
QFM VISHAY-QFM Datasheet
75Kb / 3P
Thin Film, Top-Contact Resistor
05-Apr-13
QFN VISHAY-QFN Datasheet
77Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
QFX VISHAY-QFX Datasheet
75Kb / 3P
Thin Film, Top-Contact Megohm Resistor
05-Apr-13
SC3 VISHAY-SC3_15 Datasheet
138Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
SFM VISHAY-SFM Datasheet
74Kb / 3P
Thin Film Top-Contact Resistor
25-Feb-13
SFP VISHAY-SFP Datasheet
88Kb / 3P
Thin Film Top-Contact Resistor with Part Mark
04-Mar-13
SFX VISHAY-SFX Datasheet
74Kb / 3P
Thin Film, Top-Contact Megohm Resistor
04-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com