Electronic Components Datasheet Search
  English  ▼

X  

SFP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFP
Description  Thin Film Top-Contact Resistor with Part Mark
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFP Datasheet(HTML) 1 Page - Vishay Siliconix

  SFP Datasheet HTML 1Page - Vishay Siliconix SFP Datasheet HTML 2Page - Vishay Siliconix SFP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SFP
www.vishay.com
Vishay Electro-Films
Revision: 04-Mar-13
1
Document Number: 61000
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Top-Contact Resistor with Part Mark
Product may not be to scale
The SFP series single-value resistor chips offer a small size,
wide ohmic value range and excellent power capacity.
The SFPs are part marked with resistance value allowing
user the ability to visually determine the resistance value of
the chip.
The SFPs are manufactured using Vishay Electro-Films (EFI)
sophisticated thin film equipment and manufacturing
technology.
The SFPs are 100 % electrically tested and visually
inspected to MIL-STD-883, method 2032 class H or K.
FEATURES
• Wire bondable
• Part marked - 5 digits
• Small size: 0.022 inches square
• Case: 0202
• Resistance range: 1
 to 1 M
• DC power rating: 250 mW
• Oxidized silicon substrate for good power dissipation
• Resistor material: Tantalum nitride, self passivating
• Moisture resistant
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Vishay EFI SFP small resistor chips are widely used in hybrid
packages where space is limited and chip value marking is
important for identification. The die is part marked with the
resistance value. Wire bonding is made to the two pads on
the top of the chip.
Note
• Values above 1M available
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
1 to 1M
Standard Tolerances
± 0.1, ± 0.5, ± 1
%
TCR
± 25, ± 50, ± 100, ± 250
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
100
 - 250 k
< 100
 or > 251 k
- 35 typ.
- 20 typ.
dB
Moisture Resistance, MIL-STD-202, Method 106
± 0.5 max.
R/R
%
Stability, 1000 h, + 125 °C, 125 mW
± 0.25 max.
R/R
%
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.25 max.
R/R
%
High Temperature Exposure, + 150 °C, 100 h
± 0.5 max.
R/R
%
Dielectric Voltage Breakdown
200
V
Insulation Resistance
1012 min.
Operating Voltage
100 V max.
V
DC Power Rating at + 70 °C (Derated to zero at + 175 °C)
0.250
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.25 max.
R/R
%
1
Ω
30
Ω
200 k
Ω 430 k Ω
0.1 %
Tightest Standard Tolerance Available
± 50 ppm/°C
± 250 ppm/°C
± 100 ppm/°C
± 25 ppm/°C
10
Ω
100
Ω
620 k
Ω 1 MΩ
1 %
0.5 %


Similar Part No. - SFP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFP ETC-SFP Datasheet
160Kb / 2P
Optical SFP 1G
SFP+10GBASE-ER ETC-SFP+10GBASE-ER Datasheet
162Kb / 2P
Optical SFP 10G
SFP+10GBASE-EZR ETC-SFP+10GBASE-EZR Datasheet
162Kb / 2P
Optical SFP 10G
SFP+10GBASE-LR ETC-SFP+10GBASE-LR Datasheet
162Kb / 2P
Optical SFP 10G
SFP+10GBASE-LRM ETC-SFP+10GBASE-LRM Datasheet
162Kb / 2P
Optical SFP 10G
More results

Similar Description - SFP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
BCR VISHAY-BCR_15 Datasheet
77Kb / 3P
Thin Film, Back-Contact Resistor
25-Feb-13
MSFM VISHAY-MSFM Datasheet
82Kb / 3P
Thin Film, Top-Contact Miniature Resistor
26-Jan-15
QFM VISHAY-QFM Datasheet
75Kb / 3P
Thin Film, Top-Contact Resistor
05-Apr-13
QFN VISHAY-QFN Datasheet
77Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
QFX VISHAY-QFX Datasheet
75Kb / 3P
Thin Film, Top-Contact Megohm Resistor
05-Apr-13
SC3 VISHAY-SC3_15 Datasheet
138Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
SFM VISHAY-SFM Datasheet
74Kb / 3P
Thin Film Top-Contact Resistor
25-Feb-13
SFN VISHAY-SFN Datasheet
96Kb / 3P
NiCr Thin Film, Top-Contact Resistor
11-Sep-13
SFX VISHAY-SFX Datasheet
74Kb / 3P
Thin Film, Top-Contact Megohm Resistor
04-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com