Electronic Components Datasheet Search
  English  ▼

X  

SFX Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFX
Description  Thin Film, Top-Contact Megohm Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFX Datasheet(HTML) 1 Page - Vishay Siliconix

  SFX Datasheet HTML 1Page - Vishay Siliconix SFX Datasheet HTML 2Page - Vishay Siliconix SFX Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SFX
www.vishay.com
Vishay Electro-Films
Revision: 04-Mar-13
1
Document Number: 61018
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film, Top-Contact Megohm Resistor
Product may not be to scale
The SFX series resistor chips extends the range of available
resistance to 20 M
 These offer one of the best
combinations of small size and high value available.
The SFXs are manufactured using Vishay Electro-Films (EFI)
sophisticated thin film equipment and manufacturing
technology. The SFXs are 100 % electrically tested and
visually inspected to MIL-STD-883, method 2032 class H or
class K.
FEATURES
• Wire bondable
• Megohm resistance range: 0.51 M
 to 20 M
• Chip size: 0.040 inches square standard, 0.030
inches square and 0.055 inches square optional
• Case: 0404
• Reduced hybrid size
• Resistor material: Tantalum nitride, self-passivating
• Oxidized silicon substrate
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
The SFX series megohm resistor chips are designed for use
in hybrid packages which require small-size high-value
resistors.
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
360K to 30M
Standard Tolerances
± 0.1, ± 0.5
%
TCR
± 50, ± 100, ± 250, ± 350
ppm/°C
360 k
Ω
10 M
Ω
0.1 %
Tightest Standard Tolerance Available
± 350 ppm/°C
± 50 ppm/°C
2 M
Ω 3.3 MΩ
± 250 ppm/°C
0.5 %
30 M
Ω
± 100 ppm/°C
SIZE (in inches)
MIN.
MAX.
0.030 x 0.030
360 k
10 M
0.040 x 0.040
510 k
20 M
0.055 x 0.055
1 M
30 M
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Noise, MIL-STD-202, Method 308
- 12 typ.
dB
Moisture Resistance, MIL-STD-202
Method 106, (Passivated only)
± 0.5 max.
R/R
%
Stability, 1000 h, + 125 °C, 10 mW
± 1.0 max.
R/R
%
Operating Temperature Range
- 55 to + 125
°C
Thermal Shock, MIL-STD-202, Method 107, Test Condition F
± 0.25 max.
R/R
%
High Temperature Exposure, + 150 °C, 100 h
± 0.5 max.
R/R
%
Dielectric Voltage Breakdown
400
V
Insulation Resistance
1012 min.
Operating Voltage
100 max.
V
DC Power Rating at + 70 °C (Derated to zero at + 175 °C)
0.020
W
5 x Rated Power Short-Time Overload, + 25 °C, 5 s
± 0.25 max.
R/R
%


Similar Part No. - SFX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFX-0500 ETC2-SFX-0500 Datasheet
596Kb / 10P
specification describes the requirements of 200,220,250,275Watts
logo
Connor-Winfield Corpora...
SFX-102G CONNOR-WINFIELD-SFX-102G Datasheet
1Mb / 8P
Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
Synchronous Clock Generators
logo
List of Unclassifed Man...
SFX-2020 ETC-SFX-2020 Datasheet
77Kb / 1P
Mechanical Drawing
logo
Source Photonics, Inc.
SFX-34-24T-HP-XDFH SOURCE-SFX-34-24T-HP-XDFH Datasheet
377Kb / 15P
1310/1490 Integrated Diplexer Transceiver
More results

Similar Description - SFX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
BCR VISHAY-BCR_15 Datasheet
77Kb / 3P
Thin Film, Back-Contact Resistor
25-Feb-13
MSFM VISHAY-MSFM Datasheet
82Kb / 3P
Thin Film, Top-Contact Miniature Resistor
26-Jan-15
QFM VISHAY-QFM Datasheet
75Kb / 3P
Thin Film, Top-Contact Resistor
05-Apr-13
QFN VISHAY-QFN Datasheet
77Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
QFX VISHAY-QFX Datasheet
75Kb / 3P
Thin Film, Top-Contact Megohm Resistor
05-Apr-13
SC3 VISHAY-SC3_15 Datasheet
138Kb / 3P
NiCr Thin Film, Top-Contact Resistor
05-Apr-13
SFM VISHAY-SFM Datasheet
74Kb / 3P
Thin Film Top-Contact Resistor
25-Feb-13
SFN VISHAY-SFN Datasheet
96Kb / 3P
NiCr Thin Film, Top-Contact Resistor
11-Sep-13
SFP VISHAY-SFP Datasheet
88Kb / 3P
Thin Film Top-Contact Resistor with Part Mark
04-Mar-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com