Electronic Components Datasheet Search
  English  ▼

X  

SPU Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SPU
Description  Wirewound Resistors, Molded Style, Current Shunts, Very Low Value, Four Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SPU Datasheet(HTML) 1 Page - Vishay Siliconix

  SPU Datasheet HTML 1Page - Vishay Siliconix SPU Datasheet HTML 2Page - Vishay Siliconix SPU Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPU Molded Style
www.vishay.com
Vishay Dale
Revision: 27-Feb-12
1
Document Number: 30220
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Molded Style, Current Shunts,
Very Low Value, Four Terminal
FEATURES
• Molded four-terminal resistors for specialized
applications
• Extremely low resistance values for current
sensing applications
• Precision resistance tolerance
• Low temperature coefficients
• Complete welded construction
Notes
• Standard resistance tolerances available are 0.5 %, 1.0 %, 3.0 %, and 5.0 %.
(1) Wattage rating is limited to 25 A maximum
Note
(2) Lead (Pb)-free termination
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING (1)
P25 °C
W
RESISTANCE
RANGE
TOLERANCE
± %
WEIGHT
(typical)
g
SPU050
SPU-50
1
0.001 to 0.060
1
2.5
SPU051
SPU-51
2
0.001 to 0.060
1
3.7
SPU052
SPU-52
4
0.001 to 0.200
1
4.8
SPU053
SPU-53
5
0.010 to 0.500
1
10.8
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
SPU MOLDED STYLE RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 100 (- 10 °C to + 80 °C)
Dielectric Withstanding Voltage
VAC
500 minimum
Short Time Overload
-
5 x power for 5 s, limited to 25 A maximum
Maximum Working Voltage
V
(P x R)1/2
Insulation Resistance
10 000 M
 minimum dry
Operating Temperature Range
°C
SPU050 and SPU051 = - 55 to + 175, SPU052 and SPU053 = - 55 to + 275
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: SPU052R10000FD
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
SPECIAL
SPU050
SPU051
SPU052
SPU053
L = m
(below 0.01
)
R = Decimal
5L0000 = 0.005
R10000 = 0.10
D = ± 0.5 %
F = ± 1.0 %
H = ± 3.0 %
J = ± 5.0 %
E (2) = Lead (Pb)-free, bulk
D = Tin/lead, bulk
(Dash Number)
(up to 2 digits)
From 1 to 99 as
applicable
Historical Part Numbering example: SPU-52 0.1
 1 % S51
SPU-52
0.100
1 %
S51
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
052
R
000
1
PU
0F
D
S


Similar Part No. - SPU

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
SPU APEX-ELECTRONICS-SPU Datasheet
421Kb / 3P
Ultra-miniature pushbutton switches, optional LED, IP67
logo
Sparkle Power Inc.
SPU-1500-US SPI-SPU-1500-US Datasheet
4Mb / 1P
1500 VA/ 900W line interactive UPS
logo
Hanwha Vision Co., Ltd....
SPU-60240 HANWHAVISION-SPU-60240 Datasheet
400Kb / 3P
Adapter
SPU-60241 HANWHAVISION-SPU-60241 Datasheet
893Kb / 3P
Adapter
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
1W SIP Package DC-DC Unregulated Converter
More results

Similar Description - SPU

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SC-2 RIEDON-SC-2 Datasheet
270Kb / 1P
Four Terminal / Surface Mount Wirewound Resistors
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
Wirewound Resistors, Open Air, Current Sense, Low Value
12-Dec-11
logo
IRC - a TT electronics ...
4LPW IRCTT-4LPW Datasheet
343Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
logo
Vishay Siliconix
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
Wirewound Resistors, Open Air, Current Sense, Low Value
12-Dec-11
logo
Riedon Powertron
SC-2 RIEDON-SC-2_13 Datasheet
170Kb / 1P
Four Terminal / Surface Mount Wirewound Resistors
logo
Welwyn Components Limit...
4LPW-3 WELWYN-4LPW-3 Datasheet
282Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
logo
Vishay Siliconix
CPSL VISHAY-CPSL Datasheet
80Kb / 3P
Wirewound Resistors, Commercial Power,Four Terminal, Low Value
22-Dec-11
SR VISHAY-SR Datasheet
80Kb / 3P
Wirewound Resistors, Open Air, Current Sense, Low Value
12-Dec-11
logo
TT Electronics.
4LPW TTELEC-4LPW_17 Datasheet
511Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
logo
Vishay Siliconix
MRS VISHAY-MRS Datasheet
90Kb / 4P
Wirewound Resistor, Open Style, Current Shunts, Very Low Value
28-Jun-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com