Electronic Components Datasheet Search
  English  ▼

X  

SR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SR
Description  Wirewound Resistors, Open Air, Current Sense, Low Value
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SR Datasheet(HTML) 1 Page - Vishay Siliconix

  SR Datasheet HTML 1Page - Vishay Siliconix SR Datasheet HTML 2Page - Vishay Siliconix SR Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SR
www.vishay.com
Vishay Dale
Revision: 12-Dec-11
1
Document Number: 31067
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Open Air, Current Sense, Low Value
FEATURES
• Open air design
• Low resistance values for all types of current
sensing,
voltage
division
and
pulse
applications including switching and linear
supplies, instrumentation and power amplifiers
• All welded construction
• Solid metal nickel-chrome or copper-nickel
alloy resistive element
• Solderable terminations
• Very low inductance
• AEC-Q200 qualified available (1)
• Compliant to RoHS Directive 2002/95/EC
Note
(1) Flame retardance test may not be applicable to some resistor
technologies.
Notes
* Pb containing terminations are not RoHS compliant, exemptions may apply
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
POWER RATING
P70 °C
W
RESISTANCE RANGE
TOLERANCE
± %
SR1
1.0
0.005 to 0.03
1, 5
SR3
3.0
0.005 to 0.05
1, 5
SR5
5.0
0.004 to 0.05
1, 5
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
SR RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 100 = 0.01
 to 0.05 ;
± 175 = 0.0051
 to 0.0099 ;
± 300 = 0.004
 to 0.005 
Operating Temperature Range
°C
- 65 to + 275
Maximum Continuous Current
A
(P/R)1/2
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: SR55L000JE14
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
SR1
SR3
SR5
L = m
(below 0.01
)
R = Decimal
5L000 = 0.005
R0100 = 0.01
F = ± 1.0 %
J = ± 5.0 %
K = ± 10 %
E14 =
Lead (Pb)-free bulk
B14 =
Tin/lead bulk
(Dash Number)
(up to 3 digits)
From 1 to 999 as
applicable
L0
0
0
J
E
1
5
S
5
R
4


Similar Description - SR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
Open Air Sense Resistors
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
Wirewound Resistors, Open Air, Current Sense, Low Value
12-Dec-11
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
Open Air Current Sense Resistors
OARS1R005FLF IRCTT-OARS1R005FLF Datasheet
150Kb / 4P
Open Air Sense Resistors Metal Alloy Strip
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
Open Air Sense Resistors
logo
Token Electronics Indus...
OAR1R01JP TOKEN-OAR1R01JP Datasheet
1Mb / 58P
Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
LSQ Open Air Current Sense Resistors
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
OAR Open Air Current Sense Resistors
logo
Vishay Siliconix
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
Wirewound Resistors, Open Air, Current Sense, Low Value
12-Dec-11
MRS VISHAY-MRS Datasheet
90Kb / 4P
Wirewound Resistor, Open Style, Current Shunts, Very Low Value
28-Jun-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com