Electronic Components Datasheet Search
  English  ▼

X  

MT8977AP Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT8977AP
Description  ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8977AP Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT8977AP Datasheet HTML 13Page - Mitel Networks Corporation MT8977AP Datasheet HTML 14Page - Mitel Networks Corporation MT8977AP Datasheet HTML 15Page - Mitel Networks Corporation MT8977AP Datasheet HTML 16Page - Mitel Networks Corporation MT8977AP Datasheet HTML 17Page - Mitel Networks Corporation MT8977AP Datasheet HTML 18Page - Mitel Networks Corporation MT8977AP Datasheet HTML 19Page - Mitel Networks Corporation MT8977AP Datasheet HTML 20Page - Mitel Networks Corporation MT8977AP Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Preliminary Information
ISO-CMOS
MT8977
4-115
shows the MT8977 interfaced to a parallel bus
structure using two STPA‘s operating in modes 1 and
2.
The first STPA operating in mode 2 (MMS=0,
MS1=1, 24/32=0),
routes
data
and/or
voice
information between the parallel telecom bus and the
T1 or CEPT link via DSTi and DSTo.
The second
STPA, operating in mode 1 (MMS = 1 ) provides
access from the signalling and link control bus to the
MT8977 status and control channels. All signalling
and link functions may be controlled easily through
the STPA transmit RAM’s Tx0, Tx1,
while status
information is read at receive RAM Rx0. In addition,
interrupts can be set up to notify the system in case
of slips, loss of sync, alarms, violations, etc.
Note: the configurations shown in Figures 11 and 12
using the MT8940/41 may not meet specific jitter
performance requirements.
A more sophisticated
PLL
or
line
interface
unit
with
transmit
jitter
attenuator may be required for applications designed
to meet specific standards.
Figure 11 - Typical ESF Configuration
•
•
•
•
•
MT8980
MT8977
MT8940/41
MH89761
MT8952
Micro
Processor
STi3
STo3
STo0
STi0
STi1
STo2
C4i
F0i
CDSTi
CKi
Clock
Extractor
DSTi
DSTo
CSTi0
CSTi1
F0i
C2i
C1.5i
TxFDL
TxFDLClk
RxFDL
RxFDLClk
E1.5i
TxA
TxB
RxA
RxB
RxD
TxSF
RxSF
E8Ko
Line
Receiver
1.544
MHz
CVb
F0i
C2o
F0b
C4b
C8Kb
12.355/12.352
MHz Osc.
16.388/16.384
MHz Osc.
MT8940/41
STo1
CSTo
Tx
Line
Driver
Equa-
lizer
CDSTo
TxCEN
RxCEN
DQ
Q
C2
C2
DQ
Q
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com