Electronic Components Datasheet Search
  English  ▼

X  

MT8980DP Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8980DP
Description  ISO-CMOS ST-BUS??FAMILY Digital Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8980DP Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8980DP Datasheet HTML 1Page - Mitel Networks Corporation MT8980DP Datasheet HTML 2Page - Mitel Networks Corporation MT8980DP Datasheet HTML 3Page - Mitel Networks Corporation MT8980DP Datasheet HTML 4Page - Mitel Networks Corporation MT8980DP Datasheet HTML 5Page - Mitel Networks Corporation MT8980DP Datasheet HTML 6Page - Mitel Networks Corporation MT8980DP Datasheet HTML 7Page - Mitel Networks Corporation MT8980DP Datasheet HTML 8Page - Mitel Networks Corporation MT8980DP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MT8980D
2-5
22-
24
25-
27
D7-D5 Data 7 to 5 (Three-state I/O Pins). These are the bidirectional data pins on the
microprocessor interface.
25-
29
29-
33
D4-D0 Data 4 to 0 (Three-state I/O Pins). These are the bidirectional data pins on the
microprocessor interface.
30
34
VSS
Power Input. Negative Supply (Ground).
31-
35
35-
39
STo7-
STo3
ST-BUS Output 7 to 3 (Three-state Outputs). These are the pins for the eight 2048
kbit/s ST-BUS output streams.
36-
38
41-
43
STo2-
STo0
ST-BUS Output 2 to 0 (Three-state Outputs). These are the pins for the eight 2048
kbit/s ST-BUS output streams.
39
44
ODE Output Drive Enable (Input). If this input is held high, the STo0-STo7 output drivers function
normally. If this input is low, the STo0-STo7 output drivers go into their high impedance state.
NB: Even when ODE is high, channels on the STo0-STo7 outputs can go high impedance
under software control.
40
1
CSTo Control ST-BUS Output (Complementary Output). Each frame of 256 bits on this ST-BUS
output contains the values of bit 1 in the 256 locations of the Connection Memory High.
6, 18,
28,
40
NC
No Connection.
Pin Description (continued)
Pin #
Name
Description
40
DIP
44
PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com