Electronic Components Datasheet Search
  English  ▼

X  

MT8980DP Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8980DP
Description  ISO-CMOS ST-BUS??FAMILY Digital Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8980DP Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8980DP Datasheet HTML 1Page - Mitel Networks Corporation MT8980DP Datasheet HTML 2Page - Mitel Networks Corporation MT8980DP Datasheet HTML 3Page - Mitel Networks Corporation MT8980DP Datasheet HTML 4Page - Mitel Networks Corporation MT8980DP Datasheet HTML 5Page - Mitel Networks Corporation MT8980DP Datasheet HTML 6Page - Mitel Networks Corporation MT8980DP Datasheet HTML 7Page - Mitel Networks Corporation MT8980DP Datasheet HTML 8Page - Mitel Networks Corporation MT8980DP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MT8980D
2-4
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
40
DIP
44
PLCC
12
DTA
Data Acknowledgement (Open Drain Output). This is the data acknowledgement on the
microprocessor interface. This pin is pulled low to signal that the chip has processed the
data. A 909
Ω, 1/4W, resistor is recommended to be used as a pullup.
2-4
3-5
STi0-
STi2
ST-BUS Input 0 to 2 (Inputs). These are the inputs for the 2048 kbit/s ST-BUS input
streams.
5-9
7-11
STi3-
STi7
ST-BUS Input 3 to 7 (Inputs). These are the inputs for the 2048 kbit/s ST-BUS input
streams.
10
12
VDD
Power Input. Positive Supply.
11
13
F0i
Framing 0-Type (Input). This is the input for the frame synchronization pulse for the
2048 kbit/s ST-BUS streams. A low on this input causes the internal counter to reset on
the next negative transition of C4i.
12
14
C4i
4.096 MHz Clock (Input). ST-BUS bit cell boundaries lie on the alternate falling edges of this
clock.
13-
15
15-
17
A0-A2 Address 0 to 2 (Inputs). These are the inputs for the address lines on the microprocessor
interface.
16-
18
19-
21
A3-A5 Address 3 to 5 (Inputs). These are the inputs for the address lines on the microprocessor
interface.
19
22
DS
Data Strobe (Input). This is the input for the active high data strobe on the microprocessor
interface.
20
23
R/W
Read or Write (Input). This is the input for the read/write signal on the microprocessor
interface - high for read, low for write.
21
24
CS
Chip Select (Input). This is the input for the active low chip select on the microprocessor
interface
7
8
9
10
11
12
13
14
15
16
39
38
37
36
35
34
33
32
31
30
17
29
STi3
STi4
STi5
STi6
STi7
VDD
F0i
C4i
A0
A1
A2
STo3
STo4
STo5
STo6
STo7
VSS
D0
D1
D2
D3
D4
44 PIN PLCC
DTA
STi0
STi1
STi2
STi3
STi4
STi5
STi6
STi7
VDD
F0i
C4i
A0
A1
A2
A3
A4
A5
DS
CSTo
ODE
STo0
STo1
STo2
STo3
STo4
STo5
STo6
STo7
VSS
D0
D1
D2
D3
D4
D5
D6
D7
CS
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
R/W
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
40 PIN PLASTIC DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com