Electronic Components Datasheet Search
  English  ▼

X  

MT8964AC Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT8964AC
Description  ISO2-CMOS Integrated PCM Filter Codec
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8964AC Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT8964AC Datasheet HTML 14Page - Mitel Networks Corporation MT8964AC Datasheet HTML 15Page - Mitel Networks Corporation MT8964AC Datasheet HTML 16Page - Mitel Networks Corporation MT8964AC Datasheet HTML 17Page - Mitel Networks Corporation MT8964AC Datasheet HTML 18Page - Mitel Networks Corporation MT8964AC Datasheet HTML 19Page - Mitel Networks Corporation MT8964AC Datasheet HTML 20Page - Mitel Networks Corporation MT8964AC Datasheet HTML 21Page - Mitel Networks Corporation MT8964AC Datasheet HTML 22Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ISO2-CMOS
MT8960/61/62/63/64/65/66/67
6-39
Figure 14 - Envelope Delay Variation Frequency
Figure 15 - Overload Distortion (End-to-End)
1000
750
500
370
250
125
0
500
1000
1500
2000
2500
3000
(600Hz)
(2800Hz)
(2600Hz)
CCITT
½ Channel Spec
5
4.5
4
3
34
567
89
Input Level (dBm0)
*Relative to Fundamental Output power level with +3dBm0 input signal level at a frequency of 1.02kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com