Electronic Components Datasheet Search
  English  ▼

X  

MT8980 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT8980
Description  ISO-CMOS ST-BUS??FAMILY Digital Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8980 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT8980 Datasheet HTML 6Page - Mitel Networks Corporation MT8980 Datasheet HTML 7Page - Mitel Networks Corporation MT8980 Datasheet HTML 8Page - Mitel Networks Corporation MT8980 Datasheet HTML 9Page - Mitel Networks Corporation MT8980 Datasheet HTML 10Page - Mitel Networks Corporation MT8980 Datasheet HTML 11Page - Mitel Networks Corporation MT8980 Datasheet HTML 12Page - Mitel Networks Corporation MT8980 Datasheet HTML 13Page - Mitel Networks Corporation MT8980 Datasheet HTML 14Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MT8980D
2-15
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* High Impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge CL.
Œ
Processor accesses are dependent on the C4i clock, and so some timings are expressed as multiples of the C4i clock period.
Figure 17 - Processor Bus
AC Electrical Characteristics† - Processor Bus (Figures 11 and 17)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Chip Select Setup Time
tCSS
20
0
ns
2
Read/Write Setup Time
tRWS
25
5
ns
3
Address Setup Time
tADS
25
5
ns
4
Acknowledgement Delay Fast
Slow
tAKD
40
100
ns
CL=150 pF
tAKD
2.7
7.2
cycles
C4i cycles
Œ
5
Fast Write Data Setup Time
tFWS
20
ns
6
Slow Write Data Delay
tSWD
2.0
1.7
cycles
C4i cycles
Œ
7
Read Data Setup Time
tRDS
0.5
cycles
C4i cycles
Œ, C
L= 150 pF
8
Data Hold Time
Read
Write
tDHT
20
ns
RL=1 KΩ∗, CL=150 pF
tDHT
20
10
ns
9
Read Data To High Impedance
tRDZ
50
90
ns
RL=1 KΩ∗, CL=150 pF
10
Chip Select Hold Time
tCSH
0ns
11
Read/Write Hold Time
tRWH
0ns
12
Address Hold Time
tADH
0ns
13
Acknowledgement Hold Time
tAKH
10
60
80
ns
RL=1 KΩ∗, CL=150 pF
DS
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
2.0V
0.8V
2.4V
0.4V
2.4V (Read) 2.0V (Write)
0.8V (Read 0.8V (Write)
CS
R/W
A5
to
A0
DTA
D7
to
D0
tCSS
tRWS
tADS
tAKD
tRDS
tSWD
tFWS
tCSH
tRWH
tADH
tAKH
tDHT
*
*
*
*
tRDZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com