Electronic Components Datasheet Search
  English  ▼

X  

MT8981DP Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT8981DP
Description  ISO-CMOS ST-BUS??FAMILY Digital Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8981DP Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT8981DP Datasheet HTML 2Page - Mitel Networks Corporation MT8981DP Datasheet HTML 3Page - Mitel Networks Corporation MT8981DP Datasheet HTML 4Page - Mitel Networks Corporation MT8981DP Datasheet HTML 5Page - Mitel Networks Corporation MT8981DP Datasheet HTML 6Page - Mitel Networks Corporation MT8981DP Datasheet HTML 7Page - Mitel Networks Corporation MT8981DP Datasheet HTML 8Page - Mitel Networks Corporation MT8981DP Datasheet HTML 9Page - Mitel Networks Corporation MT8981DP Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MT8981D ISO-CMOS
2-22
Figure 5 - Connection Memory High Bits
Figure 6 - Connection Memory Low Bits
BIT
NAME
DESCRIPTION
2
Message
Channel
When 1, the contents of the corresponding location in Connection Memory Low are
output on the location’s channel and stream. When 0, the contents of the corresponding
location in Connection Memory Low act as an address for the Data Memory and so
determine the source of the connection to the location’s channel and stream.
1
Unused
0
Output
Enable
If the ODE pin is high and bit 6 of the Control Register is 0, then this bit enables the
output driver for the location’s channel and stream. This allows individual channels on
individual streams to be made high-impedance, allowing switching matrices to be
constructed. A 1 enables the driver and a 0 disables it.
BIT
NAME
DESCRIPTION
7
(Unused)
Must be a 0.
6-5*
Stream
Address
Bits*
The number expressed in binary notation on these 2 bits is the number of the ST-BUS
stream for the source of the connection. Bit 6 is the most significant bit. e.g., if bit 6 is 1,
and bit 5 is 0, then the source of the connection is a channel on STi2.
4-0*
Channel
Address
Bits*
The number expressed in binary notation on these 5 bits is the number of the channel
which is the source of the connection (The ST-BUS stream where the channel lies is
defined by bits 6 and 5.). Bit 4 is the most significant bit. e.g., if bit 4 is 1, bit 3 is 0, bit 2 is
0, bit 1 is 1 and bit 0 is 1, then the source of the connection is channel 19.
*If bit 2 of the corresponding Connection High location is 1 or if bit 6 of the Control Register is 1, then these entire
8 bits are output on the channel and stream associated with this location. Otherwise, the bits are used as
indicated to define the source of the connection which is output on the channel and stream associated with this
location.
7
6
5
432
1
0
No Corresponding Memory
- These bits give 0s if read.
Per Channel
Control Bits
7
6
5
432
1
0
7
6
5
432
1
0
(unused)
Stream
Address
Bits
Channel
Address
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com